Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC374PW Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC374PW Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC374PW
Download  74AHC374PW Download
File Size   607.89 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal D-type flip-flop; positive edge-trigger; 3-state

74AHC374PW Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC374PW Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC374PW
Download  74AHC374PW Click to download

File Size   607.89 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal D-type flip-flop; positive edge-trigger; 3-state

74AHC374PW Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC374PW Product details

1. General description
The 74AHC374; 74AHCT374 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard
No. 7-A.
The 74AHC374; 74AHCT374 comprises eight D-type flip-flops featuring separate D-type
inputs for each flip-flop and 3-state outputs for bus oriented applications. A clock input
(CP) and an output enable input (OE) are common to all flip-flops.
The eight flip-flops will store the state of their individual D inputs that meet the set-up and
hold times requirements for the LOW-to-HIGH CP transition.
When OE is LOW the content of the eight flip-flops is available at the outputs. When OE is
HIGH, the outputs go to the high-impedance OFF-state. Operation of the OE input does
not affect the state of the flip-flops.
2. Features
n Balanced propagation delays
n All inputs have Schmitt-trigger actions
n Inputs accept voltages higher than VCC
n Common 3-state output enable input
n Input levels:
u For 74AHC374: CMOS level
u For 74AHCT374: TTL level
n ESD protection:
u HBM EIA/JESD22-A114E exceeds 2000 V
u MM EIA/JESD22-A115-A exceeds 200 V
u CDM EIA/JESD22-C101C exceeds 1000 V
n Multiple package options
n Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHC374PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC374PW PHILIPS-74AHC374PW Datasheet
93Kb / 20P
Octal D-type flip-flop; positive edge-trigger; 3-state
1999 Sep 28
logo
Nexperia B.V. All right...
74AHC374PW-Q100 NEXPERIA-74AHC374PW-Q100 Datasheet
815Kb / 18P
Octal D-type flip-flop; positive edge-trigger; 3-state
logo
NXP Semiconductors
74AHC374PWDH PHILIPS-74AHC374PWDH Datasheet
93Kb / 20P
Octal D-type flip-flop; positive edge-trigger; 3-state
1999 Sep 28
More results


Similar Description - 74AHC374PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com