Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4605 Datasheet (PDF) - Microchip Technology

MIC4605 Datasheet PDF - Microchip Technology
Part # MIC4605
Download  MIC4605 Download
File Size   1690.15 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection

MIC4605 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4605 Datasheet PDF - Microchip Technology

Part # MIC4605
Download  MIC4605 Click to download

File Size   1690.15 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection

MIC4605 Datasheet (HTML) - Microchip Technology


MIC4605 Product details

General Description
The MIC4605 is an 85V half-bridge MOSFET driver
that features adaptive dead time and shoot-through
protection. The adaptive dead-time circuitry actively
monitors the half-bridge outputs to minimize the time
between high-side and low-side MOSFET transitions,
thus maximizing power efficiency. Shoot-through
protection circuitry prevents erroneous inputs and noise
from turning both MOSFETS on at the same time.
The MIC4605 also offers a wide 5.5V to 16V operating
supply range to maximize system efficiency. The low
5.5V operating voltage allows longer run times in
battery-powered applications. Additionally, the MIC4605
device’s adjustable gate drive sets the gate drive voltage
to VDD for optimal MOSFET RDS(ON), which minimizes
power loss due to the MOSFET’s RDS(ON).
The MIC4605 is available in an 8-pin SOIC package
and a tiny 10-pin 2.5 mm x 2.5 mm TDFN package.
Both packages have an operating junction temperature
range of -40°C to +125°C.

Features
• 5.5V to 16V Gate Drive Supply Voltage Range
• Advanced Adaptive Dead Time
• Intelligent Shoot-Through Protection:
- MIC4605-1: Dual TTL inputs
- MIC4605-2: Single PWM input
• Enable Input for On/Off Control
• On-Chip Bootstrap Diode
• Fast 35 ns Propagation Times
• Drives 1000 pF Load with 20 ns Rise and
Fall Times
• Low-Power Consumption: 135 μA Quiescent
Current
• Separate High-Side and Low-Side Undervoltage
Protection
• -40°C to +125°C Junction Temperature Range
• AEC-Q100 Qualified for the SOIC Package

Applications
• Fans
• Power Inverters
• High-Voltage Step-Down Regulators
• Half, Full and 3-Phase Bridge Motor Drives
• Appliances
• E-Bikes
• Automotive Applications




Similar Part No. - MIC4605

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4605 MICREL-MIC4605 Datasheet
1Mb / 25P
85V Half-Bridge MOSFET Drivers
MIC4605-1YM MICREL-MIC4605-1YM Datasheet
1Mb / 25P
85V Half-Bridge MOSFET Drivers
MIC4605-1YMT MICREL-MIC4605-1YMT Datasheet
1Mb / 25P
85V Half-Bridge MOSFET Drivers
MIC4605-2YM MICREL-MIC4605-2YM Datasheet
1Mb / 25P
85V Half-Bridge MOSFET Drivers
MIC4605-2YMT MICREL-MIC4605-2YMT Datasheet
1Mb / 25P
85V Half-Bridge MOSFET Drivers
More results


Similar Description - MIC4605

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4102 MICREL-MIC4102 Datasheet
645Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G_07 Datasheet
300Kb / 15P
H-Bridge Driver IC Adjustable dead time with shoot through protection
Rev 2.3 2007-01-11
TLE6284G INFINEON-TLE6284G_07 Datasheet
256Kb / 16P
H-Bridge Driver IC Deactivation of dead time and shoot through protection possible
Rev 2.3 2007-01-11
logo
MIC GROUP RECTIFIERS
MIC4102 MIC-MIC4102_11 Datasheet
646Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection PRELIMINARY SPECIFICATIONS
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
logo
Microchip Technology
MIC4607 MICROCHIP-MIC4607 Datasheet
1Mb / 42P
85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
06/23/16
MIC4102 MICROCHIP-MIC4102 Datasheet
703Kb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
07/14/15
logo
Renesas Technology Corp
ISL78424 RENESAS-ISL78424 Datasheet
1Mb / 34P
100V Boot, 4A Peak, Half-Bridge Driver with Single PWM Input and Adaptive Dead Time Control
logo
Microchip Technology
MIC4102 MICROCHIP-MIC4102_V01 Datasheet
2Mb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
Revision B (May 2022)
MIC4606 MICROCHIP-MIC4606 Datasheet
2Mb / 40P
85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
Revision D December 2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com