Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4605 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC4605
Description  85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4605 Datasheet(HTML) 2 Page - Microchip Technology

  MIC4605 Datasheet HTML 1Page - Microchip Technology MIC4605 Datasheet HTML 2Page - Microchip Technology MIC4605 Datasheet HTML 3Page - Microchip Technology MIC4605 Datasheet HTML 4Page - Microchip Technology MIC4605 Datasheet HTML 5Page - Microchip Technology MIC4605 Datasheet HTML 6Page - Microchip Technology MIC4605 Datasheet HTML 7Page - Microchip Technology MIC4605 Datasheet HTML 8Page - Microchip Technology MIC4605 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MIC4605
DS20005853E-page 2
 2018-2019 Microchip Technology Inc.
Package Types
Note:
See Table 3-1 for pin descriptions.
MIC4605-1YMT
10-Pin TDFN (MT)
(Top View)
MIC4605-2YM
8-Pin SOIC (M)
(Top View)
MIC4605-2YMT
10-Pin TDFN (MT)
(Top View)
HS
HI
5
1
EN
VDD
HB
HO
10
NC
LO
VSS
LI
9
8
7
2
3
4
6
EP
HS
PWM
5
1
EN
VDD
HB
HO
10
NC
LO
VSS
NC
9
8
7
2
3
4
6
EP
MIC4605-1YM
8-Pin SOIC (M)
(Top View)
1
VDD
HB
HO
HS
8LO
VSS
LI
HI
7
6
5
2
3
4
1
VDD
HB
HO
HS
8LO
VSS
NC
PWM
7
6
5
2
3
4
VSS
VDD
VSS
VDD
VDD
VSS
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com