Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4605 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC4605
Description  85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4605 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC4605 Datasheet HTML 9Page - Microchip Technology MIC4605 Datasheet HTML 10Page - Microchip Technology MIC4605 Datasheet HTML 11Page - Microchip Technology MIC4605 Datasheet HTML 12Page - Microchip Technology MIC4605 Datasheet HTML 13Page - Microchip Technology MIC4605 Datasheet HTML 14Page - Microchip Technology MIC4605 Datasheet HTML 15Page - Microchip Technology MIC4605 Datasheet HTML 16Page - Microchip Technology MIC4605 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
 2018-2019 Microchip Technology Inc.
DS20005853E-page 13
MIC4605
5.0
BLOCK DIAGRAM
For HO to be high, HI must be high and LO must be low. HO going high is delayed by LO falling below 1.9V. The HI and
LI inputs must not rise at the same time to prevent a glitch from occurring on the output. A minimum 50 ns delay between
both inputs is recommended.
LO is turned off very quickly on the LI falling edge. LO going high is delayed by the longer of a 35 ns delay of the HO
control signal going “off” or the RS latch being set.
The latch is set by the quicker of either the falling edge of HS or the LI gated delay of 240 ns. The latch is present to
lockout LO bounce due to ringing on HS. If HS never adequately falls due to the absence of or the presence of a very
weak external pull-down on HS, the gated delay of 240 ns at LI will set the latch, allowing LO to transition high. This, in
turn, allows the LI start-up pulse to charge the bootstrap capacitor if the load inductor current is very low and HS is
uncontrolled. The latch is reset by the LI falling edge.
FIGURE 5-1:
MIC4605 Top-Level Block Diagram.
FIGURE 5-2:
MIC4605-1 Cross-Conduction Lockout/PWM Input Logic Block Diagram.
V
DD
UVLO
HB
UVLO
LEVEL
SHIFT
INPUT LOGIC
(SEE BLOCK
DIAGRAM)
S
_
R
Q
–2 ONLY
–1 HI
–2 PWM
V
DD
EN
HB
HO
HS
LO
OR
EDGE
V
SS
V
IN
–1 ONLY
–1 LI
–2 NC
BIAS
RELIEF
2.2V
HS
LI
LO
HI
HO SECTION
AND INPUT
LO SECTION
FF RESET
35 ns
DELAY
Q
R
S
240 ns
DELAY
1.9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com