Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4605 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC4605
Description  85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4605 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC4605 Datasheet HTML 17Page - Microchip Technology MIC4605 Datasheet HTML 18Page - Microchip Technology MIC4605 Datasheet HTML 19Page - Microchip Technology MIC4605 Datasheet HTML 20Page - Microchip Technology MIC4605 Datasheet HTML 21Page - Microchip Technology MIC4605 Datasheet HTML 22Page - Microchip Technology MIC4605 Datasheet HTML 23Page - Microchip Technology MIC4605 Datasheet HTML 24Page - Microchip Technology MIC4605 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
 2018-2019 Microchip Technology Inc.
DS20005853E-page 21
MIC4605
7.9
Decoupling and Bootstrap
Capacitor Selection
Decoupling capacitors are required for both the
low-side (VDD) and high-side (HB) supply pins. These
capacitors supply the charge necessary to drive the
external MOSFETs and also minimize the voltage
ripple on these pins. The capacitor from HB to HS has
two functions: it provides decoupling for the high-side
circuitry and also provides current to the high-side
circuit while the high-side external MOSFET is on.
Ceramic capacitors are recommended because of their
low impedance and small size. Z5U-type ceramic
capacitor dielectrics are not recommended because of
the large change in capacitance over temperature and
voltage. A minimum value of 0.1 µF is required for each
of the capacitors, regardless of the MOSFETs being
driven. Larger MOSFETs may require larger capaci-
tance values for proper operation. The voltage rating of
the capacitors depends on the supply voltage, ambient
temperature and the voltage derating used for reliabil-
ity. 25V rated X5R or X7R ceramic capacitors are
recommended for most applications. The minimum
capacitance value should be increased if low-voltage
capacitors are used, because even good quality dielec-
tric capacitors, such as X5R, will lose 40% to 70% of
their capacitance value at the rated voltage.
Placement of the decoupling capacitors is critical. The
bypass capacitor for VDD should be placed as close as
possible between the VDD and VSS pins. The bypass
capacitor (CB) for the HB supply pin must be located as
close as possible between the HB and HS pins. The
etch connections must be short, wide and direct. The
use of a ground plane to minimize connection
impedance is recommended. Refer to Section 7.12
“Grounding, Component Placement and Circuit
Layout”
for more information.
The voltage on the bootstrap capacitor drops each time it
delivers charge to turn on the MOSFET. The voltage drop
depends on the gate charge required by the MOSFET.
Most MOSFET specifications specify gate charge versus
VGS voltage. Based on this information and a recom-
mended ΔVHB of less than 0.1V, the minimum value of
bootstrap capacitance is calculated as:
EQUATION 7-13:
The decoupling capacitor for the VDD input may be
calculated in with the same formula; however, the two
capacitors are usually equal in value.
7.10
DC Motor Applications
MIC4605 MOSFET drivers are widely used in DC
motor applications. They address brushed motors in
both half-bridge and full-bridge motor topologies, as
well as 3-phase brushless motors. As shown in
Figure 7-8, Figure 7-9 and Figure 7-10, the drivers
switch the MOSFETs at variable duty cycles that
modulate the voltage to control motor speed. In the
half-bridge topology, the motor turns in one direction
only. The full-bridge topology allows for bidirectional
control. Three-phase motors are more efficient as com-
pared to the brushed motors, but require three
half-bridge switches and additional circuitry to sense
the position of the rotor.
The MIC4605 85V operating voltage offers the engi-
neer a margin to protect against Back Electromotive
Force (EMF), which is a voltage spike caused by the
rotation of the rotor. The Back EMF voltage amplitude
depends on the speed of the rotation. It is good practice
to have at least twice the HV voltage of the motor
supply; 85V is plenty of margin for 12V, 24V and 40V
motors.
C
B
Q
GATE
V
HB
-----------------
Where:
QGATE = Total Gate Charge at VHB
ΔV
HB
= Voltage Drop at the HB Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com