Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet (PDF) - Microchip Technology

MIC4606 Datasheet PDF - Microchip Technology
Part # MIC4606
Download  MIC4606 Download
File Size   2650.27 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection

MIC4606 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4606 Datasheet PDF - Microchip Technology

Part # MIC4606
Download  MIC4606 Click to download

File Size   2650.27 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection

MIC4606 Datasheet (HTML) - Microchip Technology


MIC4606 Product details

General Description
The MIC4606 is an 85V full-bridge MOSFET driver that
features adaptive dead time and shoot-through protection.
The adaptive dead-time circuitry actively monitors
both sides of the full bridge to minimize the time
between high-side and low-side MOSFET transitions,
thus maximizing power efficiency. Anti-shoot-through
circuitry prevents erroneous inputs and noise from
turning both MOSFETs of each side of the bridge on at
the same time.
The MIC4606 also offers a wide 5.5V to 16V operating
supply range to maximize system efficiency. The low
5.5V operating voltage allows longer run times in
battery-powered applications. Additionally, the MIC4606
device’s adjustable gate drive sets the gate drive voltage
to VDD for optimal MOSFET RDS(ON), which minimizes
power loss due to the MOSFET’s RDS(ON).
The MIC4606-1 features four independent inputs while
the MIC4606-2 utilizes two PWM inputs, one for each
side of the H-bridge. The MIC4606-1 and MIC4606-2
are available in a 16-pin 4 mm x 4 mm QFN package,
and a 16-pin 4 mm x 5 mm TSSOP package with an
operating temperature range of -40°C to +125°C.

Features
• 5.5V to 16V Gate Drive Supply Voltage Range
• Advanced Adaptive Dead Time
• Intelligent Shoot-Through Protection
• MIC4606-1: Four Independent TTL Inputs
• MIC4606-2: Two PWM Inputs
• Enable Input for On/Off Control
• On-Chip Bootstrap Diodes
• Fast 35 ns Propagation Times
• Drives 1000 pF Load with 20 ns Rise and
Fall Times
• Low Power Consumption: 235 μA Total Quiescent
Current
• Separate High-Side and Low-Side Undervoltage
Protection
• -40°C to +125°C Junction Temperature Range

Applications
• Full-Bridge Motor Drives
• Power Inverters
• High-Voltage Step-Down Regulators
• Distributed Power Systems
• Stepper Motors




Similar Part No. - MIC4606

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600 Datasheet
342Kb / 26P
28V Half-Bridge MOSFET Driver
06/23/16
MIC4600 MICROCHIP-MIC4600 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600 MICROCHIP-MIC4600 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600YML-T5 MICROCHIP-MIC4600YML-T5 Datasheet
342Kb / 26P
28V Half-Bridge MOSFET Driver
06/23/16
MIC4600YML-T5 MICROCHIP-MIC4600YML-T5 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
More results


Similar Description - MIC4606

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4102 MICREL-MIC4102 Datasheet
645Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G_07 Datasheet
300Kb / 15P
H-Bridge Driver IC Adjustable dead time with shoot through protection
Rev 2.3 2007-01-11
TLE6284G INFINEON-TLE6284G_07 Datasheet
256Kb / 16P
H-Bridge Driver IC Deactivation of dead time and shoot through protection possible
Rev 2.3 2007-01-11
logo
Texas Instruments
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
logo
Micrel Semiconductor
MIC4605 MICREL-MIC4605 Datasheet
1Mb / 25P
85V Half-Bridge MOSFET Drivers
logo
Texas Instruments
TPS2834 TI1-TPS2834_15 Datasheet
1Mb / 25P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
logo
Microchip Technology
MIC4607 MICROCHIP-MIC4607 Datasheet
1Mb / 42P
85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
06/23/16
MIC4102 MICROCHIP-MIC4102 Datasheet
703Kb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
07/14/15
MIC4102 MICROCHIP-MIC4102_V01 Datasheet
2Mb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
Revision B (May 2022)
MIC4605 MICROCHIP-MIC4605 Datasheet
1Mb / 34P
85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
Revision E December 2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com