Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC4606 Datasheet HTML 6Page - Microchip Technology MIC4606 Datasheet HTML 7Page - Microchip Technology MIC4606 Datasheet HTML 8Page - Microchip Technology MIC4606 Datasheet HTML 9Page - Microchip Technology MIC4606 Datasheet HTML 10Page - Microchip Technology MIC4606 Datasheet HTML 11Page - Microchip Technology MIC4606 Datasheet HTML 12Page - Microchip Technology MIC4606 Datasheet HTML 13Page - Microchip Technology MIC4606 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
MIC4606
DS20005604D-page 10
 2017-2019 Microchip Technology Inc.
FIGURE 3-7:
Shutdown Current vs.
Temperature.
FIGURE 3-8:
VDD Operating Current vs.
Temperature.
FIGURE 3-9:
VHB Operating Current vs.
Temperature.
FIGURE 3-10:
High-Level Output
Resistance vs. Temperature.
FIGURE 3-11:
Low-Level Output
Resistance vs. Temperature.
FIGURE 3-12:
UVLO Thresholds vs.
Temperature.
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
HS = 0V
VDD = 16V
VDD = 12V
VDD = 5.5V
100
200
300
400
500
600
700
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
FREQ = 20kHz
HS = 0V
VDD = 16V
VDD = 12V
VDD = 5.5V
0
10
20
30
40
50
60
70
80
-50
-25
0
255075
100
125
TEMPERATURE (°C)
FREQ = 20kHz
HS = 0V
VHB = 16V
VHB = 12V
VHB = 5.5V
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VDD = 16V
VDD = 12V
VDD = 5.5V
HS = 0V
I
LO , IHO = -50mA
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
HS = 0V
I
LO , IHO = 50mA
VDD = 16V
VDD = 12V
VDD = 5.5V
4
4.2
4.4
4.6
4.8
5
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
HS = 0V
VHB Rising
VDD Rising
VDD Falling
VHB Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com