Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 24 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MIC4606 Datasheet HTML 20Page - Microchip Technology MIC4606 Datasheet HTML 21Page - Microchip Technology MIC4606 Datasheet HTML 22Page - Microchip Technology MIC4606 Datasheet HTML 23Page - Microchip Technology MIC4606 Datasheet HTML 24Page - Microchip Technology MIC4606 Datasheet HTML 25Page - Microchip Technology MIC4606 Datasheet HTML 26Page - Microchip Technology MIC4606 Datasheet HTML 27Page - Microchip Technology MIC4606 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
MIC4606
DS20005604D-page 24
 2017-2019 Microchip Technology Inc.
There are two phases in the MIC4606. The power
dissipation for each of the bootstrap diodes must be
calculated and summed to obtain the total bootstrap
diode power dissipation for the package.
The value of VF should be taken at the peak current
through the diode; however, this current is difficult to cal-
culate because of differences in source impedances.
The peak current can either be measured or the value of
VF at the average current can be used, which will yield a
good approximation of diode power dissipation.
The reverse leakage current of the internal bootstrap
diode is typically 3 µA at a reverse voltage of 85V at
+125°C. Power dissipation due to reverse leakage is
typically much less than 1 mW and can be ignored.
An optional external bootstrap diode may be used
instead of the internal diode (Figure 7-6). An external
diode may be useful if high gate charge MOSFETs are
being driven and the power dissipation of the internal
diode is contributing to excessive die temperatures.
The voltage drop of the external diode must be less
than the internal diode for this option to work. The
reverse voltage across the diode will be equal to the
input voltage minus the VDD supply voltage. The above
equations can be used to calculate power dissipation in
the external diode; however, if the external diode has
significant reverse leakage current, the power
dissipated in that diode due to reverse leakage can be
calculated as:
EQUATION 7-3:
The on-time is the time the high-side switch is conduct-
ing. In most topologies, the diode is reverse biased
during the switching cycle off-time.
FIGURE 7-6:
Optional Bootstrap Diode.
7.5
Gate Driver Power Dissipation
Power dissipation in the output driver stage is mainly
caused by charging and discharging the gate to source
and gate to drain capacitance of the external MOSFET.
Figure 7-7 shows a simplified equivalent circuit of the
MIC4606 driving an external high-side MOSFET.
FIGURE 7-7:
MIC4606 Driving an
External High-Side MOSFET.
PDIODErev
IR VREV
1D
–

=
Where:
IR = Reverse Current Flow at VREV and TJ
VREV = Diode Reverse Voltage
D = Duty Cycle (tON x fS)
xHS
xHB
xHO
V
DD
C
B
xLO
HI
LI
V
SS
V
IN
EXTERNAL
DIODE
MIC4606
LEVEL
SHIFT
xHS
xHB
xHO
EXTERNAL
FET
V
DD
CB
R
G
R
G_FET
R
ON
R
OFF
C
GD
C
GS
MIC4606



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com