Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 25 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MIC4606 Datasheet HTML 21Page - Microchip Technology MIC4606 Datasheet HTML 22Page - Microchip Technology MIC4606 Datasheet HTML 23Page - Microchip Technology MIC4606 Datasheet HTML 24Page - Microchip Technology MIC4606 Datasheet HTML 25Page - Microchip Technology MIC4606 Datasheet HTML 26Page - Microchip Technology MIC4606 Datasheet HTML 27Page - Microchip Technology MIC4606 Datasheet HTML 28Page - Microchip Technology MIC4606 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
 2017-2019 Microchip Technology Inc.
DS20005604D-page 25
MIC4606
7.6
Dissipation During the External
MOSFET Turn-On
Energy from capacitor CB is used to charge up the input
capacitance of the MOSFET (CGD and CGS). The
energy delivered to the MOSFET is dissipated in the
three resistive components, RON, RG and RG_FET. RON
is the on-resistance of the upper driver MOSFET in the
MIC4606. RG is the series resistor (if any) between the
driver and the MOSFET. RG_FET is the gate resistance
of the MOSFET. RG_FET is usually listed in the power
MOSFET’s specifications. The ESR of capacitor CB
and the resistance of the connecting etch can be
ignored, since they are much less than RON and
RG_FET.
The effective capacitances of CGD and CGS are difficult
to calculate because they vary nonlinearly with ID, VGS
and VDS. Fortunately, most power MOSFET specifica-
tions include a typical graph of total gate charge versus
VGS. Figure 7-8 shows a typical gate charge curve for
an arbitrary power MOSFET. This chart shows that for
a gate voltage of 10V, the MOSFET requires about
23.5 nC of charge. The energy dissipated by the
resistive components of the gate drive circuit during
turn-on is calculated as:
EQUATION 7-4:
but
EQUATION 7-5:
so
EQUATION 7-6:
FIGURE 7-8:
Typical Gate Charge vs. VGS.
The same energy is dissipated by ROFF, RG and
RG_FET when the driver IC turns the MOSFET off.
Assuming RON is approximately equal to ROFF, the total
energy and power dissipated by the resistive drive
elements is:
EQUATION 7-7:
and
EQUATION 7-8:
E
1
2
---CISS
VGS
2
=
Where:
CISS = Total Gate Capacitance of the MOSFET
QC V
=
E
1
2
---QG
VGS
=
Q
G - TOTAL GATE CHARGE (nC)
EDRIVER
QG VGS
=
Where:
EDRIVER = Energy Dissipated per Switching
Cycle
PDRIVER
QG VGS
fS
=
Where:
PDRIVER = Power Dissipated per Switching
Cycle
QG = Total Gate Charge at VGS
VGS = Gate-to-Source Voltage on the
MOSFET
fS = Switching Frequency of the
Gate Drive Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com