Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 1 Page - Microchip Technology

  MIC4606 Datasheet HTML 1Page - Microchip Technology MIC4606 Datasheet HTML 2Page - Microchip Technology MIC4606 Datasheet HTML 3Page - Microchip Technology MIC4606 Datasheet HTML 4Page - Microchip Technology MIC4606 Datasheet HTML 5Page - Microchip Technology MIC4606 Datasheet HTML 6Page - Microchip Technology MIC4606 Datasheet HTML 7Page - Microchip Technology MIC4606 Datasheet HTML 8Page - Microchip Technology MIC4606 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2017-2019 Microchip Technology Inc.
DS20005604D-page 1
MIC4606
Features
• 5.5V to 16V Gate Drive Supply Voltage Range
• Advanced Adaptive Dead Time
• Intelligent Shoot-Through Protection
• MIC4606-1: Four Independent TTL Inputs
• MIC4606-2: Two PWM Inputs
• Enable Input for On/Off Control
• On-Chip Bootstrap Diodes
• Fast 35 ns Propagation Times
• Drives 1000 pF Load with 20 ns Rise and
Fall Times
• Low Power Consumption: 235 µA Total Quiescent
Current
• Separate High-Side and Low-Side Undervoltage
Protection
• -40°C to +125°C Junction Temperature Range
Applications
• Full-Bridge Motor Drives
• Power Inverters
• High-Voltage Step-Down Regulators
• Distributed Power Systems
• Stepper Motors
General Description
The MIC4606 is an 85V full-bridge MOSFET driver that
features adaptive dead time and shoot-through protec-
tion. The adaptive dead-time circuitry actively monitors
both sides of the full bridge to minimize the time
between high-side and low-side MOSFET transitions,
thus maximizing power efficiency. Anti-shoot-through
circuitry prevents erroneous inputs and noise from
turning both MOSFETs of each side of the bridge on at
the same time.
The MIC4606 also offers a wide 5.5V to 16V operating
supply range to maximize system efficiency. The low
5.5V operating voltage allows longer run times in
battery-powered applications. Additionally, the MIC4606
device’s adjustable gate drive sets the gate drive voltage
to VDD for optimal MOSFET RDS(ON), which minimizes
power loss due to the MOSFET’s RDS(ON).
The MIC4606-1 features four independent inputs while
the MIC4606-2 utilizes two PWM inputs, one for each
side of the H-bridge. The MIC4606-1 and MIC4606-2
are available in a 16-pin 4 mm x 4 mm QFN package,
and a 16-pin 4 mm x 5 mm TSSOP package with an
operating temperature range of -40°C to +125°C.
Typical Application Circuit
μC
MIC4606
M
V
DD
5.5V-85V
MIC28511
V
OUT
V
IN
12V
MCP1826
V
OUT
V
IN
3.3V
BHI
BLI
AHI
ALI
BHB
BHO
BHS
BLO
AHB
AHO
AHS
ALO
MIC4606
(DC Motor Drive Application)
85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and
Shoot-Through Protection


Similar Part No. - MIC4606

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600 Datasheet
342Kb / 26P
28V Half-Bridge MOSFET Driver
06/23/16
MIC4600 MICROCHIP-MIC4600 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600 MICROCHIP-MIC4600 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600YML-T5 MICROCHIP-MIC4600YML-T5 Datasheet
342Kb / 26P
28V Half-Bridge MOSFET Driver
06/23/16
MIC4600YML-T5 MICROCHIP-MIC4600YML-T5 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
More results

Similar Description - MIC4606

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4102 MICREL-MIC4102 Datasheet
645Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G_07 Datasheet
300Kb / 15P
H-Bridge Driver IC Adjustable dead time with shoot through protection
Rev 2.3 2007-01-11
TLE6284G INFINEON-TLE6284G_07 Datasheet
256Kb / 16P
H-Bridge Driver IC Deactivation of dead time and shoot through protection possible
Rev 2.3 2007-01-11
logo
Texas Instruments
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
logo
Micrel Semiconductor
MIC4605 MICREL-MIC4605 Datasheet
1Mb / 25P
85V Half-Bridge MOSFET Drivers
logo
Texas Instruments
TPS2834 TI1-TPS2834_15 Datasheet
1Mb / 25P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
logo
Microchip Technology
MIC4607 MICROCHIP-MIC4607 Datasheet
1Mb / 42P
85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
06/23/16
MIC4102 MICROCHIP-MIC4102 Datasheet
703Kb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
07/14/15
MIC4102 MICROCHIP-MIC4102_V01 Datasheet
2Mb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
Revision B (May 2022)
MIC4605 MICROCHIP-MIC4605 Datasheet
1Mb / 34P
85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
Revision E December 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com