Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC4606 Datasheet HTML 13Page - Microchip Technology MIC4606 Datasheet HTML 14Page - Microchip Technology MIC4606 Datasheet HTML 15Page - Microchip Technology MIC4606 Datasheet HTML 16Page - Microchip Technology MIC4606 Datasheet HTML 17Page - Microchip Technology MIC4606 Datasheet HTML 18Page - Microchip Technology MIC4606 Datasheet HTML 19Page - Microchip Technology MIC4606 Datasheet HTML 20Page - Microchip Technology MIC4606 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
 2017-2019 Microchip Technology Inc.
DS20005604D-page 17
MIC4606
5.0
FUNCTIONAL DIAGRAM
For xHO to be high, the xHI must be high and the xLO
must be low. xHO going high is delayed by xLO falling
below 1.9V. The xHI and xLI inputs must not rise at the
same time to prevent a glitch from occurring on the out-
put. A minimum 50 ns delay between both inputs is
recommended.
xLO is turned off very quickly on the xLI falling edge.
xLO going high is delayed by the longer of the 35 ns
delay of the xHO control signal going “off” or the RS
latch being set.
The latch is set by the quicker of either the falling edge
of xHS or an xLI gated delay of 250 ns. The latch is
present to lock out xLO bounce due to ringing on xHS.
If xHS never adequately falls due to the absence of or
the presence of a very weak external pull-down on
xHS, the gated delay of 250 ns at xLI will set the latch,
allowing xLO to transition high. This, in turn, allows the
xLI start-up pulse to charge the bootstrap capacitor if
the load inductor current is very low and xHS is
uncontrolled. The latch is reset by the xLI falling edge.
There is one external enable pin that controls both
phases.
FIGURE 5-1:
MIC4606 xPhase Top-Level Block Diagram.
FIGURE 5-2:
Input Logic Block in Figure 5-1.
BIAS
REF
INPUT
LOGIC
( SEE DIAGRAM
BELOW)
-2
ONLY
-1
ONLY
-1 HI
-2 PWM
-1 LI
-2 NC
VDD
EN
xHB
xHO
xHS
xLO
OR
EDGE
*COMMON TO
BOTH PHASES
V
DD
UVLO
HB
UVLO
LEVEL
SHIFT
S
R
_
Q
*
R
_
S
Q
1.9V
35 ns
DELAY
250 ns
DELAY
2.2V
HS
LI
LO
HI
LO
SECTION
FF RESET
HO
SECTION
AND INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com