Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC4606 Datasheet HTML 5Page - Microchip Technology MIC4606 Datasheet HTML 6Page - Microchip Technology MIC4606 Datasheet HTML 7Page - Microchip Technology MIC4606 Datasheet HTML 8Page - Microchip Technology MIC4606 Datasheet HTML 9Page - Microchip Technology MIC4606 Datasheet HTML 10Page - Microchip Technology MIC4606 Datasheet HTML 11Page - Microchip Technology MIC4606 Datasheet HTML 12Page - Microchip Technology MIC4606 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
 2017-2019 Microchip Technology Inc.
DS20005604D-page 9
MIC4606
3.0
TYPICAL PERFORMANCE CURVES
FIGURE 3-1:
VDD Quiescent Current vs.
Input Voltage.
FIGURE 3-2:
Shutdown Current vs. Input
Voltage.
FIGURE 3-3:
VDD Operating Current vs.
Input Voltage.
FIGURE 3-4:
VHB Operating Current vs.
Input Voltage.
FIGURE 3-5:
Propagation Delay vs. Input
Voltage.
FIGURE 3-6:
VDD Quiescent Current vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
125
150
175
200
225
250
275
4
6
8
10121416
INPUT VOLTAGE (V)
HS = 0V
T = 125°C
T = -40°C
T = 25°C
0
20
40
60
80
100
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
HS = 0V
T = 125°C
T = -40°C
T = 25°C
0
100
200
300
400
500
600
700
4
6
8
10
12
14
16
Freq = 20kHz
HS = 0V
T = 125°C
T = -40°C
T = 25°C
0
20
40
60
80
4
6
8
10121416
INPUT VOLTAGE (V)
FREQ = 20kHz
HS = 0V
VHB = VDD
T = -40°C
T = 125°C
T = 25°C
20
35
50
65
80
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
TAMB = 25°C
tHPLH
tHPHL
tLPLH
tLPHL
100
125
150
175
200
225
250
275
300
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
HS = 0V
VDD = 16V
VDD = 12V
VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com