Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 2 Page - Microchip Technology

  MIC4606 Datasheet HTML 1Page - Microchip Technology MIC4606 Datasheet HTML 2Page - Microchip Technology MIC4606 Datasheet HTML 3Page - Microchip Technology MIC4606 Datasheet HTML 4Page - Microchip Technology MIC4606 Datasheet HTML 5Page - Microchip Technology MIC4606 Datasheet HTML 6Page - Microchip Technology MIC4606 Datasheet HTML 7Page - Microchip Technology MIC4606 Datasheet HTML 8Page - Microchip Technology MIC4606 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
MIC4606
DS20005604D-page 2
 2017-2019 Microchip Technology Inc.
Package Types
Note:
See Table 4-1 through Table 4-4 for pin descriptions.
MIC4606-1
16-Pin QFN
4mm x 4 mm
MIC4606-1
16-Pin TSSOP
4mm x 5 mm
MIC4606-2
16-Pin TSSOP
4 mm x 5 mm
MIC4606-2
16-Pin QFN
4 mm x 4 mm
2
3
4
1
11
10
9
12
AHB
NC
AHS
AHO
BHB
BHS
EN
BHO
EP
2
3
4
1
11
10
9
12
AHB
NC
AHS
AHO
BHB
BHS
EN
BHO
EP
ALI
BLI
BHB
EN
1
NC
2
3
4
5
6
7
16
15
14
13
12
11
10
BHI
AHI
VDD
VSS
BHO
BHS
AHS
BLO
ALO
8
9
AHB
AHO
NC
BHB
EN
1
NC
2
3
4
5
6
7
16
15
14
13
12
11
10
BPWM
APWM
VSS
BHO
BHS
AHS
BLO
ALO
8
9
AHB
AHO
NC
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com