Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC4606 Datasheet HTML 3Page - Microchip Technology MIC4606 Datasheet HTML 4Page - Microchip Technology MIC4606 Datasheet HTML 5Page - Microchip Technology MIC4606 Datasheet HTML 6Page - Microchip Technology MIC4606 Datasheet HTML 7Page - Microchip Technology MIC4606 Datasheet HTML 8Page - Microchip Technology MIC4606 Datasheet HTML 9Page - Microchip Technology MIC4606 Datasheet HTML 10Page - Microchip Technology MIC4606 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
 2017-2019 Microchip Technology Inc.
DS20005604D-page 7
MIC4606
2.0
TIMING DIAGRAMS
2.1
Non-Overlapping LI/HI Input Mode
(MIC4606-1)
In LI/HI Input mode, external xLI/xHI inputs are delayed
to the point that xHS is low before xLI is pulled high and
similarly, xLO is low before xHI goes high.
xHO goes high with a high signal on xHI after a typical
delay of 35 ns (tHPLH). xHI going low drives xHO low
also with a typical delay of 35 ns (tHPHL).
Likewise, xLI going high forces xLO high after a typical
delay of 35 ns (tLPLH) and xLO follows the low transition
of xLI after a typical delay of 35 ns (tLPHL).
xHO and xLO output rise and fall times (tR/tF) are
typically 20 ns, driving 1000 pF capacitive loads.
All propagation delays are measured from the 50%
voltage level and rise/fall times are measured 10% to
90%.
FIGURE 2-1:
Separate Non-Overlapping
LI/HI Input Mode (MIC4606-1).
2.2
Overlapping LI/HI Input Mode
(MIC4606-1)
When xLI/xHI input high conditions overlap, xLO/xHO
output states are dominated by the first output to be
turned on. If xLI goes high (on) while xHO is high, xHO
stays high until xHI goes low. After a delay of tHOOFF,
and when xHS < 2.2V, xLO goes high with a delay of
tLOON. If xHS never trips the aforementioned internal
comparator reference (2.2V), a falling xHI edge
delayed by a typical 250 ns will set the “HS latch”,
allowing xLO to go high.
If xHS falls very fast, xLO will be held low by a 35 ns
delay, gated by HI going low. Conversely, xHI going
high (on) when xLO is high has no effect on the outputs
until xLI is pulled low (off) and xLO falls to < 1.9V. Delay
from xLI going low to xLO falling is tLOOFF and delay
from xLO < 1.9V to xHO being on is tHOON.
FIGURE 2-2:
Separate Overlapping LI/HI
Input Mode (MIC4606-1).
2.3
PWM Input Mode (MIC4606-2)
A low xPWM signal applied to the MIC4606-2 causes
the xHO to go low, typically to 35 ns (tHOOFF) after the
xPWM input goes low. At this point, the switch node
xHS falls (1-2).
When the xHS reaches 2.2V (VSWTH), the external
high-side MOSFET is deemed off and the xLO goes high,
typically within 35 ns (tLOON) (3-4). The xHS falling below
2.2V sets a latch that can only be reset by the xPWM
going high. This design prevents ringing on xHS from
causing an indeterminate xLO state. Should xHS never
trip the aforementioned internal comparator reference
(2.2V), a falling xPWM edge delayed by 250 ns will set the
“HS latch”, allowing xLO to go high. An 80 ns delay, gated
by xPWM going low, may determine the time to xLO going
high for fast falling HS designs. xPWM going high forces
xLO low in typically 35 ns (tLOOFF) (5-6).
tLPLH
tR
tLPHL
tHPLH
tHPHL
tF
tF
tR
xHS
xHO
xLO
xHI
xLI
tLOOFF
tHOOFF
tLOON
tHOON
xHS
xHO
xLO
xHI
xLI
2.2V
(typ)
1.9V
(typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com