Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 29 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MIC4606 Datasheet HTML 25Page - Microchip Technology MIC4606 Datasheet HTML 26Page - Microchip Technology MIC4606 Datasheet HTML 27Page - Microchip Technology MIC4606 Datasheet HTML 28Page - Microchip Technology MIC4606 Datasheet HTML 29Page - Microchip Technology MIC4606 Datasheet HTML 30Page - Microchip Technology MIC4606 Datasheet HTML 31Page - Microchip Technology MIC4606 Datasheet HTML 32Page - Microchip Technology MIC4606 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
 2017-2019 Microchip Technology Inc.
DS20005604D-page 29
MIC4606
FIGURE 7-10:
Full-Bridge DC Motor.
7.12
Power Inverter
Power inverters are used to supply AC loads from a DC
operated battery system, mainly during power failure.
The battery voltage can be 12 VDC, 24 VDC or up to
36 VDC, depending on the power requirements. There
are two popular conversion methods: Type I and
Type II that convert the battery energy to AC line
voltage (110 VAC or 230 VAC).
FIGURE 7-11:
Type I Inverter Topology.
As shown in Figure 7-11, Type I is a dual stage topology,
where line voltage is converted to DC through a trans-
former to charge the storage batteries. When a power
failure is detected, the stored DC energy is converted to
AC through another transformer to drive the AC loads
connected to the inverter output. This method is simplest
to design, but tends to be bulky and expensive because
it uses two transformers.
Type II is a single-stage topology that uses only one
transformer to charge the bank of batteries to store the
energy. During a power outage, the same transformer
is used to power the line voltage. The Type II topology
switches at a higher frequency as compared to the
Type I topology to maintain a small transformer size.
Both types use a full-bridge topology to invert DC to AC.
The MIC4606’s operating voltage offers enough of a
margin to address all of the available banks of batteries
commonly used in inverter applications. The 85V oper-
ating voltage allows designers to increase the bank of
batteries up to 72V, if desired. The MIC4606 can sink as
much as 1A, which is sufficient to drive the MOSFET’s
gate capacitance while switching the MOSFET up to
50 kHz. This makes the MIC4606 an ideal solution for
single-phase inverter applications.
MIC5235
LDO
5V to 3.3V
V
DD
AHB
AHO
AHS
ALO
V
SS
ALI
AHI
μC
5 VDC
EN
M
BHB BHO BHS
BLO
BLI
BHI
MIC4606-1
N1
N4
N2
N3
C1
C2
MIC2290
5V TO 12V
Boost
V
CC
3.3 VDC
12 VDC
HV
POWER SWITCHES FROM
INPUT AC TO DC/AC SUPPLY
DURING POWER OUTAGE
OUTPUT AC
BYPASS PATH
INPUT AC
BATTERY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com