Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC4606 Datasheet HTML 18Page - Microchip Technology MIC4606 Datasheet HTML 19Page - Microchip Technology MIC4606 Datasheet HTML 20Page - Microchip Technology MIC4606 Datasheet HTML 21Page - Microchip Technology MIC4606 Datasheet HTML 22Page - Microchip Technology MIC4606 Datasheet HTML 23Page - Microchip Technology MIC4606 Datasheet HTML 24Page - Microchip Technology MIC4606 Datasheet HTML 25Page - Microchip Technology MIC4606 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
MIC4606
DS20005604D-page 22
 2017-2019 Microchip Technology Inc.
FIGURE 7-3:
Adaptive Dead-Time Logic
Diagram.
The MIC4606 uses a combination of active sensing
and passive delay to ensure that both MOSFETs are
not on at the same time. Figure 7-3 illustrates how the
adaptive dead-time circuitry works.
For the MIC4606-2, a high level on the xPWM pin
causes /HI to go high and /LI to go low. This causes the
xLO pin to go low. The MIC4606 monitors the xLO pin
voltage and prevents the xHO pin from turning on until
the voltage on the xLO pin reaches the VLOOFF thresh-
old. After a short delay, the MIC4606 drives the xHO pin
high. Monitoring the xLO voltage eliminates any exces-
sive delay due to the MOSFET drivers turn-off time and
the short delay accounts for the MOSFET turn-off
delay, as well as letting the xLO pin voltage settle out.
An external resistor between the xLO output and the
MOSFET may affect the performance of the xLO pin
monitoring circuit and is not recommended.
A low on the xPWM pin causes /HI to go low and /LI to
go high. This causes the xHO pin to go low after a short
delay (tHOOFF). Before the xLO pin can go high, the
voltage on the switching node (xHS pin) must have
dropped to 2.2V. Monitoring the switch voltage instead
of the xHO pin voltage eliminates timing variations and
excessive delays due to the high-side MOSFET
turn-off. The xLO driver turns on after a short delay
(tLOON). Once the xLO driver is turned on, it is latched
on until the xPWM signal goes high. This prevents any
ringing or oscillations on the switch node or xHS pin
from turning off the xLO driver. If the xPWM pin goes
low and the voltage on the xHS pin does not cross the
VSWTH threshold, the xLO pin will be forced high after
a short delay (tSWTO), insuring proper operation.
The internal logic circuits also insure a “first on” priority
at the inputs. If the xHO output is high, the xLI pin is
inhibited. A high signal or noise glitch on the xLI pin has
no effect on the xHO or xLO outputs until the xHI pin
goes low. Similarly, the xLO being high holds xHO low
until xLI and xLO are low.
Fast propagation delay between the input and output
drive waveform is desirable. It improves overcurrent
protection by decreasing the response time between
the control signal and the MOSFET gate drive. Minimiz-
ing propagation delay also minimizes phase-shift errors
in power supplies with wide bandwidth control loops.
Care must be taken to ensure that the input signal
pulse width is greater than the minimum specified pulse
width. An input signal that is less than the minimum
pulse width may result in no output pulse or an output
pulse whose width is significantly less than the input.
The maximum duty cycle (ratio of high-side on-time to
switching period) is determined by the time required for
the CB capacitor to charge during the off-time. Adequate
time must be allowed for the CB capacitor to charge up
before the high-side driver is turned back on.
Although the adaptive dead-time circuit in the MIC4606
prevents the driver from turning both MOSFETs on at the
same time, other factors outside of the anti-shoot-through
circuit’s control can cause shoot-through. Other factors
include ringing on the gate drive node and capacitive
coupling of the switching node voltage on the gate of the
low-side MOSFET.
The scope photo in Figure 7-4 shows the dead time
(< 20 ns) between the high and low-side MOSFET tran-
sitions as the low-side driver switches off, while the
high-side driver transitions from off to on.
FIGURE 7-4:
Adaptive Dead-Time LO
(Low) to HO (High).
Table 7-1 contains truth tables for the MIC4606-1
(Independent TTL inputs) and Table 7-2 is for the
MIC4606-2 (PWM inputs) that details the “first on” pri-
ority as well as the failsafe delay (tSWTO).
R
_
S
Q
1.9V
35 ns
DELAY
250 ns
DELAY
2.2V
HS
LI
LO
HI
LO
SECTION
FF RESET
HO
SECTION
AND INPUT
TABLE 7-1:
MIC4606-1 TRUTH TABLE
xLI
xHI
xLO
xHO
Comments
00
00
Both outputs off.
01
01
xHO will not go high until
xLO falls below 1.9V.
10
10
xLO will be delayed an
extra 250 ns if xHS never
falls below 2.2V.
11
xx
First on stays on until
input of same goes low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com