Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 4 Page - Microchip Technology

  MIC4606 Datasheet HTML 1Page - Microchip Technology MIC4606 Datasheet HTML 2Page - Microchip Technology MIC4606 Datasheet HTML 3Page - Microchip Technology MIC4606 Datasheet HTML 4Page - Microchip Technology MIC4606 Datasheet HTML 5Page - Microchip Technology MIC4606 Datasheet HTML 6Page - Microchip Technology MIC4606 Datasheet HTML 7Page - Microchip Technology MIC4606 Datasheet HTML 8Page - Microchip Technology MIC4606 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MIC4606
DS20005604D-page 4
 2017-2019 Microchip Technology Inc.
Input (TTL: xLI, xHI, EN) (Notes 2,3)
Low-Level Input Voltage
VIL
0.8
V
High-Level Input Voltage
VIH
2.2
——
V
Input Voltage Hysteresis
VHYS
—0.1
V
Input Pull-Down Resistance
RI
100
300
500
xHI/xLI inputs
50
150
250
xPWM inputs
Undervoltage Protection
VDD Falling Threshold
VDDR
4.0
4.4
4.9
V
VDD Threshold Hysteresis
VDDH
0.25
V
xHB Falling Threshold
VHBR
4.0
4.4
4.9
V
xHB Threshold Hysteresis
VHBH
0.25
V
Bootstrap Diode
Low-Current Forward Voltage
VDL
—0.4
0.70
VIVDD-xHB = 100 µA
High-Current Forward
Voltage
VDH
—0.7
1.0
VIVDD-xHB = 50 mA
Dynamic Resistance
RD
—3
5.0
Ω
IVDD-xHB = 50 mA
LO Gate Driver
Low-Level Output Voltage
VOLL
—0.3
0.6
VIxLO = 50 mA
High-Level Output Voltage
VOHL
—0.5
1.0
VIxLO = -50 mA,
VOHL = VDD – VxLO
Peak Sink Current
IOHL
—1
A
VxLO = 0V
Peak Source Current
IOLL
—1
A
VxLO = 12V
HO Gate Driver
Low-Level Output Voltage
VOLH
—0.3
0.6
VIxHO = 50 mA
High-Level Output Voltage
VOHH
—0.5
1.0
VIxHO = -50 mA,
VOHH = VxHB – VxHO
Peak Sink Current
IOHH
—1
A
VxHO = 0V
Peak Source Current
IOLH
—1
A
VxLO = 12V
Switching Specifications (Note 4)
Lower Turn-Off Propagation
Delay (xLI Falling to xLO
Falling)
tLPHL
—35
75
ns
Upper Turn-Off Propagation
Delay (xHI Falling to xHO
Falling)
tHPHL
—35
75
ns
Lower Turn-On Propagation
Delay (xLI Rising to xLO
Rising)
tLPLH
—35
75
ns
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
Unless otherwise indicated: VDD = VxHB = 12V; VEN = 5V; VSS = VxHS = 0V; No load on
xLO or xHO; TA = +25°C. Bold values indicate -40°C ≤ TJ ≤ +125°C.(1,2)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specification for packaged product only.
2:
“x” in front of a pin name refers to either A or B (e.g., xHI can be either AHI or BHI).
3:
VIL(MAX) = maximum positive voltage applied to the input which will be accepted by the device as a logic low.
VIH(MIN) = minimum positive voltage applied to the input which will be accepted by the device as a logic high.
4:
xLI/xHI mode with inputs non-overlapping, assumes xHS low before xLI goes high and xLO low before xHI
goes high.
5:
PWM mode (MIC4606-2) or LI/HI mode (MIC4606-1) with overlapping xLI/xHI inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com