Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 5 Page - Microchip Technology

  MIC4606 Datasheet HTML 1Page - Microchip Technology MIC4606 Datasheet HTML 2Page - Microchip Technology MIC4606 Datasheet HTML 3Page - Microchip Technology MIC4606 Datasheet HTML 4Page - Microchip Technology MIC4606 Datasheet HTML 5Page - Microchip Technology MIC4606 Datasheet HTML 6Page - Microchip Technology MIC4606 Datasheet HTML 7Page - Microchip Technology MIC4606 Datasheet HTML 8Page - Microchip Technology MIC4606 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
 2017-2019 Microchip Technology Inc.
DS20005604D-page 5
MIC4606
Upper Turn-On Propagation
Delay (xHI Rising to xHO
Rising)
tHPLH
—35
75
ns
Output Rise/Fall Time
tR/tF
—20
—
ns
CL = 1000 pF
Output Rise/Fall Time
(3V to 9V)
tR/tF
—0.8
—
µs
CL = 0.1 µF
Minimum Input Pulse Width
that Changes the Output
tPW
—50
—
ns
Switching Specifications (Note 5)
Delay from xPWM High (or
xLI Low) to xLO Low
tLOOFF
—35
75
ns
xLO Output Voltage
Threshold for Low-Side FET
to be Considered Off
VLOOFF
—1.9
—
V
Delay from xLO Off to xHO
High
tHOON
—35
75
ns
Delay from xPWM Low (or
xHI Low) to xHO Low
tHOOFF
—35
75
ns
Switch Node Voltage
Threshold Signaling xHO is
Off
VSWTH
12.2
4
V
Delay Between xHO FET
being Considered Off to xLO
Turning On
tLOON
—35
75
ns
For xHS Low/xLI High, Delay
from xPWM/xHI Low to xLO
High
tLOONHI
—80
150
ns
Force xLO On if VSWTH is
Not Detected
tSWTO
100
250
500
ns
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
Unless otherwise indicated: VDD = VxHB = 12V; VEN = 5V; VSS = VxHS = 0V; No load on
xLO or xHO; TA = +25°C. Bold values indicate -40°C ≤ TJ ≤ +125°C.(1,2)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specification for packaged product only.
2:
“x” in front of a pin name refers to either A or B (e.g., xHI can be either AHI or BHI).
3:
VIL(MAX) = maximum positive voltage applied to the input which will be accepted by the device as a logic low.
VIH(MIN) = minimum positive voltage applied to the input which will be accepted by the device as a logic high.
4:
xLI/xHI mode with inputs non-overlapping, assumes xHS low before xLI goes high and xLO low before xHI
goes high.
5:
PWM mode (MIC4606-2) or LI/HI mode (MIC4606-1) with overlapping xLI/xHI inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com