Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 28 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MIC4606 Datasheet HTML 24Page - Microchip Technology MIC4606 Datasheet HTML 25Page - Microchip Technology MIC4606 Datasheet HTML 26Page - Microchip Technology MIC4606 Datasheet HTML 27Page - Microchip Technology MIC4606 Datasheet HTML 28Page - Microchip Technology MIC4606 Datasheet HTML 29Page - Microchip Technology MIC4606 Datasheet HTML 30Page - Microchip Technology MIC4606 Datasheet HTML 31Page - Microchip Technology MIC4606 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
MIC4606
DS20005604D-page 28
 2017-2019 Microchip Technology Inc.
FIGURE 7-9:
Stepper Motor Driver.
V
DD
AHB
AHO
AHS
ALO
V
SS
ALI
AHI
μC
EN
BHB BHO BHS
BLO
BLI
BHI
Q1
Q4
Q2
Q3
V
DD
MIC5283
LDO
12V to 3.3V
2.2 μF
10V
3.3 VDC
22 μF
16V
V
SS
I/O
I/O
I/O
I/O
MIC2290
5V to 12V
Boost
5 VDC
12 VDC
V
DD
AHB
AHO
AHS
ALO
V
SS
ALI
AHI
EN
BHB BHO BHS
BLO
BLI
BHI
MIC4606-1
FULL-BRIDGE
DRIVER
MIC4606-1
FULL-BRIDGE
DRIVER
Q5
Q8
Q6
Q7
22 μF
16V
I/O
I/O
I/O
I/O
12 VDC
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com