Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC4606 Datasheet HTML 10Page - Microchip Technology MIC4606 Datasheet HTML 11Page - Microchip Technology MIC4606 Datasheet HTML 12Page - Microchip Technology MIC4606 Datasheet HTML 13Page - Microchip Technology MIC4606 Datasheet HTML 14Page - Microchip Technology MIC4606 Datasheet HTML 15Page - Microchip Technology MIC4606 Datasheet HTML 16Page - Microchip Technology MIC4606 Datasheet HTML 17Page - Microchip Technology MIC4606 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
MIC4606
DS20005604D-page 14
 2017-2019 Microchip Technology Inc.
TABLE 4-2:
MIC4606-2 QFN PIN FUNCTION TABLE
Pin
Number
MIC4606-2
4x4 QFN
Description
1
NC
No connect.
2
AHB
Phase A high-side bootstrap supply. An external bootstrap capacitor is required. Connect
the bootstrap capacitor between this pin and AHS. An on-chip bootstrap diode is connected
from VDD to AHB.
3
AHO
Phase A high-side drive output. Connect to the external high-side power MOSFET gate.
4
AHS
Phase A high-side drive reference connection. Connect to the external high-side power
MOSFET source terminal. Connect a bootstrap capacitor between this pin and AHB.
5
ALO
Phase A low-side drive output. Connect to the external low-side power MOSFET gate.
6
VDD
Input supply for gate drivers. Decouple this pin to VSS with a >1.0 µF capacitor.
7
VSS
Driver reference supply input. Connect to the power ground of the external circuitry.
8
BLO
Phase B low-side drive output. Connect to the external low-side power MOSFET gate.
9
BHS
Phase B high-side drive reference connection. Connect to the external high-side power
MOSFET source terminal. Connect a bootstrap capacitor between this pin and BHB.
10
BHO
Phase B high-side drive output. Connect to the external high-side power MOSFET gate.
11
BHB
Phase B high-side bootstrap supply. An external bootstrap capacitor is required. Connect
the bootstrap capacitor between this pin and BHS. An on-chip bootstrap diode is connected
from VDD to BHB.
12
EN
Enable input. A logic high on the enable pin results in normal operation. A logic low dis-
ables all outputs and places the driver into a Low-Current Shutdown mode. Do not leave
this pin floating.
13
BPWM
Phase B PWM input for single input signal drive.
14
NC
No connect.
15
NC
No connect.
16
APWM
Phase A PWM input for single input signal drive.
EP
ePad
Exposed thermal pad. Connect to VSS. A connection to the ground plane is necessary for
optimum thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com