Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC4606 Datasheet HTML 19Page - Microchip Technology MIC4606 Datasheet HTML 20Page - Microchip Technology MIC4606 Datasheet HTML 21Page - Microchip Technology MIC4606 Datasheet HTML 22Page - Microchip Technology MIC4606 Datasheet HTML 23Page - Microchip Technology MIC4606 Datasheet HTML 24Page - Microchip Technology MIC4606 Datasheet HTML 25Page - Microchip Technology MIC4606 Datasheet HTML 26Page - Microchip Technology MIC4606 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
 2017-2019 Microchip Technology Inc.
DS20005604D-page 23
MIC4606
7.2
HS Pin Clamp
A resistor/diode clamp between the motor phase node
and the xHS pin is necessary to clamp large negative
glitches or pulses on the xHS pin.
Figure 7-5 shows the Phase A section high-side and
low-side MOSFETs connected to one phase of the
motor. There is a brief period of time (dead time)
between switching to prevent both MOSFETs from
being on at the same time. When the high-side
MOSFET is conducting during the on-time state, cur-
rent flows into the motor. After the high-side MOSFET
turns off, but before the low-side MOSFET turns on,
current from the motor flows through the body diode in
parallel with the low-side MOSFET. Depending upon
the turn-on time of the body diode, the motor current
and circuit parasitics, the initial negative voltage on the
switch node can be several volts or more. The forward
voltage drop of the body diode can be several volts,
depending on the body diode characteristics and motor
current.
Even though the xHS pins are rated for negative voltage,
it is good practice to clamp the negative voltage on the
xHS pin with a resistor and diode to prevent excessive
negative voltage from damaging the driver. Depending
upon the application and amount of negative voltage on
the switch node, a 3Ω resistor is recommended. If the
xHS pin voltage exceeds 0.7V, a diode or Schottky diode
between the xHS pin and ground is recommended. The
diode reverse voltage rating must be greater than the
high-voltage input supply (VIN). Larger values of resis-
tance can be used if necessary.
Adding a series resistor in the switch node limits the
peak high-side driver current during turn-off, which
affects the switching speed of the high-side driver. The
resistor in series with the HO pin may be reduced to
help compensate for the extra HS pin resistance.
FIGURE 7-5:
Negative HS Pin Voltage.
7.3
Power Dissipation Considerations
Power dissipation in the driver can be separated into
three areas:
• Internal diode dissipation in the bootstrap circuit
• Internal driver dissipation
• Quiescent current dissipation used to supply the
internal logic and control functions.
7.4
Bootstrap Circuit Power
Dissipation
Power dissipation of the internal bootstrap diode
primarily comes from the average charging current of
the bootstrap capacitor (CB), multiplied by the forward
voltage drop of the diode. Secondary sources of diode
power dissipation are the reverse leakage current and
reverse recovery effects of the diode.
The average current drawn by repeated charging of the
high-side MOSFET is calculated by:
EQUATION 7-1:
The average power dissipated by the forward voltage
drop of the diode equals:
EQUATION 7-2:
TABLE 7-2:
MIC4606-2 TRUTH TABLE
xPWM
xLO
xHO
Comments
01
0
xLO will be delayed an
extra 250 ns if xHS never
falls below 2.2V.
10
1
xHO will not go high until
xLO falls below 1.9V.
IF AVE

QGATE fS
=
Where:
QGATE = Total Gate Charge at VHB
fS = Gate Drive Switching Frequency
PDIODEfwd
IF AVE

VF
=
Where:
VF = Diode Forward Voltage Drop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com