Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 37 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MIC4606 Datasheet HTML 32Page - Microchip Technology MIC4606 Datasheet HTML 33Page - Microchip Technology MIC4606 Datasheet HTML 34Page - Microchip Technology MIC4606 Datasheet HTML 35Page - Microchip Technology MIC4606 Datasheet HTML 36Page - Microchip Technology MIC4606 Datasheet HTML 37Page - Microchip Technology MIC4606 Datasheet HTML 38Page - Microchip Technology MIC4606 Datasheet HTML 39Page - Microchip Technology MIC4606 Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
 2017-2019 Microchip Technology Inc.
DS20005604D-page 37
MIC4606
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC4606-1YML:
85V Full-Bridge MOSFET
Driver with Adaptive Dead
Time and Shoot-Through
Protection, Dual Inputs,
-40°C to +125°C Junction
Temperature Range,
16-Pin QFN, 75/Tube
b) MIC4606-1YML-T5: 85V Full-Bridge MOSFET
Driver with Adaptive Dead
Time and Shoot-Through
Protection, Dual Inputs,
-40°C to +125°C Junction
Temperature Range,
16-Pin QFN, 500/Reel
c) MIC4606-1YML-TR: 85V Full-Bridge MOSFET
Driver with Adaptive Dead
Time and Shoot-Through
Protection, Dual Inputs,
-40°C to +125°C Junction
Temperature Range,
16-Pin QFN, 5000/Reel
d) MIC4606-1YTS-T5: 85V Full-Bridge MOSFET
Driver with Adaptive Dead
Time and Shoot-Through
Protection, Dual Inputs,
-40°C to +125°C Junction
Temperature Range,
16-Pin TSSOP, 500/Reel
e) MIC4606-1YTS-TR: 85V Full-Bridge MOSFET
Driver with Adaptive Dead
Time and Shoot-Through
Protection, Dual Inputs,
-40°C to +125°C Junction
Temperature Range,
16-Pin TSSOP, 2500/Reel
f)
MIC4606-2YML-T5: 85V Full-Bridge MOSFET
Driver with Adaptive Dead
Time and Shoot-Through
Protection, Single PWM
Input, -40°C to +125°C
Junction Temperature Range,
16-Pin QFN, 500/Reel
g) MIC4606-2YML-TR: 85V Full-Bridge MOSFET
Driver with Adaptive Dead
Time and Shoot-Through
Protection, Single PWM
Input, -40°C to +125°C
Junction Temperature Range,
16-Pin QFN, 5000/Reel.
PART NO.
X
XX
Package
Junction
Temperature
Device
Device:
MIC4606:
85V Full-Bridge MOSFET Drivers with
Adaptive Dead Time and Shoot-Through
Protection
Input Option:
-1
=
Dual inputs
-2
=
Single PWM input
Junction
Temperature
Range:
Y
=
-40°C to +125°C (RoHS Compliant)
Package:
ML
=
16-Lead QFN
TS
=
16-Lead TSSOP
Media Type
T5
=
500/Reel
TR
=
5000/Reel QFN (ML) Package
=
2500/Reel TSSOP (TS) Package
<blank> =
75/Tube QFN (-1YML) Package
-X
Input
Option
Range
XX
Media
Type
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com