Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC4606 Datasheet HTML 15Page - Microchip Technology MIC4606 Datasheet HTML 16Page - Microchip Technology MIC4606 Datasheet HTML 17Page - Microchip Technology MIC4606 Datasheet HTML 18Page - Microchip Technology MIC4606 Datasheet HTML 19Page - Microchip Technology MIC4606 Datasheet HTML 20Page - Microchip Technology MIC4606 Datasheet HTML 21Page - Microchip Technology MIC4606 Datasheet HTML 22Page - Microchip Technology MIC4606 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
 2017-2019 Microchip Technology Inc.
DS20005604D-page 19
MIC4606
6.0
FUNCTIONAL DESCRIPTION
The MIC4606 is a noninverting, 85V full-bridge
MOSFET driver designed to independently drive all
four N-channel MOSFETs in the bridge. The MIC4606
offers a wide 5.5V to 16V operating supply range with
either four independent TTL inputs (MIC4606-1) or two
PWM inputs, one for each phase (MIC4606-2). Refer to
Figure 5-1.
The drivers contain input buffers with hysteresis, three
independent UVLO circuits (two high side and one low
side) and four output drivers. The high-side output
drivers utilize a high-speed level-shifting circuit that is
referenced to its HS pin. Each phase has an internal
diode that is used by the bootstrap circuits to provide
the drive voltages for each of the two high-side outputs.
6.1
Start-up and UVLO
The UVLO circuits force the driver’s outputs low until
the supply voltage exceeds the UVLO threshold. The
low-side UVLO circuit monitors the voltage between
the VDD and VSS pins. The high-side UVLO circuits
monitor the voltage between the xHB and xHS pins.
Hysteresis in the UVLO circuits prevent noise and finite
circuit impedance from causing chatter during turn-on.
6.2
Enable Inputs
There is one external enable pin that controls both
phases. A logic high on the enable pin (EN) allows for
start-up of both phases and normal operation.
Conversely, when a logic low is applied on the enable
pin, both phases turn off and the device enters a
Low-Current Shutdown mode. All outputs (xHO and
xLO) are pulled low when EN is low. Do not leave the
EN pin floating.
6.3
Input Stage
All input pins (xLI and xHI) are referenced to the VSS pin.
The MIC4606 has a TTL-compatible input range and
can be used with input signals with amplitude less than
the supply voltage. The threshold level is independent of
the VDD supply voltage and there is no dependence
between IVDD and the input signal amplitude. This
feature makes the MIC4606 an excellent level translator
that will drive high-level gate threshold MOSFETs from a
low-voltage PWM IC.
6.4
Low-Side Driver
A block diagram of the low-side driver is shown in
Figure 6-1. It drives a ground (VSS pin) referenced
N-channel MOSFET.
Low impedances in the driver allow the external
MOSFET to be turned on and off quickly. The rail-to-rail
drive capability of the output ensures high noise immunity
and a low RDS(ON) from the external MOSFET.
A high level applied to the xLI pin causes VDD to be
applied to the gate of the external MOSFET. A low level
on the xLI pin grounds the gate of the external
MOSFET.
FIGURE 6-1:
Low-Side Driver Block
Diagram.
6.5
High-Side Driver and Bootstrap
Circuit
A block diagram of the high-side driver and bootstrap
circuit is shown in Figure 6-2. This driver is designed to
drive a floating N-channel MOSFET, whose source
terminal is referenced to the HS pin.
FIGURE 6-2:
High-Side Driver and
Bootstrap Circuit Block Diagram.
A low-power, high-speed, level-shifting circuit isolates
the low-side (VSS pin) referenced circuitry from the
high-side (xHS pin) referenced driver. Power to the
high-side driver and UVLO circuit is supplied by the
bootstrap capacitor (CB), while the voltage level of the
xHS pin is shifted high.
V
SS
V
DD
LO
EXTERNAL
FET
MIC4606
xHS
xHB
xHO
EXTERNAL
FET
V
DD
CB
MIC4606
LEVEL
SHIFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com