Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 27 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MIC4606 Datasheet HTML 23Page - Microchip Technology MIC4606 Datasheet HTML 24Page - Microchip Technology MIC4606 Datasheet HTML 25Page - Microchip Technology MIC4606 Datasheet HTML 26Page - Microchip Technology MIC4606 Datasheet HTML 27Page - Microchip Technology MIC4606 Datasheet HTML 28Page - Microchip Technology MIC4606 Datasheet HTML 29Page - Microchip Technology MIC4606 Datasheet HTML 30Page - Microchip Technology MIC4606 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
 2017-2019 Microchip Technology Inc.
DS20005604D-page 27
MIC4606
Placement of the decoupling capacitors is critical. The
bypass capacitor for VDD should be placed as close as
possible between the VDD and VSS pins. The bypass
capacitor (CB) for the HB supply pin must be located as
close as possible between the HB and HS pins. The
etch connections must be short, wide and direct. The
use of a ground plane to minimize connection
impedance is recommended. Refer to Section 7.13
“Grounding, Component Placement and Circuit
Layout”
for more information.
The voltage on the bootstrap capacitor drops each time it
delivers charge to turn on the MOSFET. The voltage drop
depends on the gate charge required by the MOSFET.
Most MOSFET specifications specify gate charge versus
VGS voltage. Based on this information, and a recom-
mended ΔVHB of less than 0.1V, the minimum value of
bootstrap capacitance is calculated as:
EQUATION 7-13:
If the high-side MOSFET is not switched, but held in an
ON state, the voltage in the bootstrap capacitor will
drop due to leakage current that flows from the HB pin
to ground. This current is specified in the Electrical
Characteristics
table. In this case, the value of CB is
calculated as:
EQUATION 7-14:
The larger value of CB from Equation 7-13 or 7-14
should be used.
7.11
DC Motor Applications
MIC4606 MOSFET drivers are widely used in DC
motor applications. They address both stepper and
brushed motors in full-bridge topologies. As shown in
Figure 7-9 and Figure 7-10, the driver switches the
MOSFETs at variable duty cycles that modulate the
voltage to control motor speed. The full-bridge topology
allows for bidirectional control.
The MIC4606’s 85V operating voltage offers ample
operating voltage margin to protect against voltage
spikes in the motor drive circuitry. It is good practice to
have at least twice the HV voltage of the motor supply.
The MIC4606’s 85V operating voltage allows sufficient
margin for 12V, 24V and 40V motors.
The MIC4606 is offered in a small 4 mm x 4 mm
16-lead QFN package for applications that are space
constrained. The motor trend is to put the motor control
circuit inside the motor casing, which requires small
packaging because of the size of the motor.
The MIC4606 offers low UVLO threshold and program-
mable gate drive, which allows for longer operation
time in battery-operated motors, such as power hand
tools.
CB
QGATE
V
HB
-----------------
Where:
QGATE = Total Gate Charge at VHB
ΔVHB = Voltage Drop at the HB Pin
CB
IHBS tON
V
HB
--------------------------
Where:
IHBS = Maximum HB Pin Leakage Current
tON = Maximum High-Side FET On-Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com