Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC4606 Datasheet HTML 7Page - Microchip Technology MIC4606 Datasheet HTML 8Page - Microchip Technology MIC4606 Datasheet HTML 9Page - Microchip Technology MIC4606 Datasheet HTML 10Page - Microchip Technology MIC4606 Datasheet HTML 11Page - Microchip Technology MIC4606 Datasheet HTML 12Page - Microchip Technology MIC4606 Datasheet HTML 13Page - Microchip Technology MIC4606 Datasheet HTML 14Page - Microchip Technology MIC4606 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
 2017-2019 Microchip Technology Inc.
DS20005604D-page 11
MIC4606
FIGURE 3-13:
UVLO Hysteresis vs.
Temperature.
FIGURE 3-14:
Propagation Delay vs.
Temperature
.
FIGURE 3-15:
Propagation Delay (PWM) vs.
Temperature
.
FIGURE 3-16:
VDD Operating Current vs.
Frequency
.
FIGURE 3-17:
VHB Operating Current vs.
Frequency
.
FIGURE 3-18:
Bootstrap Diode I–V
Characteristics.
0
0.1
0.2
0.3
0.4
0.5
0.6
-50
-25
0
255075
100
125
TEMPERATURE (°C)
HS = 0V
VDD Hysteresis
VHB Hysteresis
20
30
40
50
60
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
MIC4606-1
VDD = VHB = 12V
HS = 0V
t
HPLH
t
HPHL
t
LPLH
t
LPHL
0
40
80
120
160
200
240
280
320
360
400
-50
-25
0
255075
100
125
TEMPERATURE (°C)
MIC4606-2
VDD = VHB = 12V
HS = 0V
PWM Low to HO Low
PWM to LO Low
FORCE LO On
PWM Low-to-LO High
0
2
4
6
8
10
0
200
400
600
800
1000
FREQUENCY (kHz)
HS = 0V
VHB = VDD =12V
T = 125°C
T = -40°C
T = 25°C
0
0.5
1
1.5
2
2.5
0
200
400
600
800
1000
FREQUENCY (kHz)
HS = 0V
VHB = VDD = 12V
T = -40°C
T = 125°C
T = 25°C
0.1
1
10
100
1000
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
FORWARD VOLTAGE (V)
HS = 0V
T = 125°C
T = -40°C
T = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com