Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4606 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 3 Page - Microchip Technology

  MIC4606 Datasheet HTML 1Page - Microchip Technology MIC4606 Datasheet HTML 2Page - Microchip Technology MIC4606 Datasheet HTML 3Page - Microchip Technology MIC4606 Datasheet HTML 4Page - Microchip Technology MIC4606 Datasheet HTML 5Page - Microchip Technology MIC4606 Datasheet HTML 6Page - Microchip Technology MIC4606 Datasheet HTML 7Page - Microchip Technology MIC4606 Datasheet HTML 8Page - Microchip Technology MIC4606 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
 2017-2019 Microchip Technology Inc.
DS20005604D-page 3
MIC4606
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings† (Note 1)
Supply Voltage (VDD, VxHB – VxHS)............................................................................................................. -0.3V to +18V
Input Voltage (VxLI, VxHI, VEN) ............................................................................................................-0.3V to VDD + 0.3V
Voltage on xLO (VxLO) .......................................................................................................................-0.3V to VDD + 0.3V
Voltage on xHO (VxHO) .............................................................................................................VHS – 0.3V to VHB + 0.3V
Voltage on xHS (Continuous)........................................................................................................................ -0.3V to 90V
Voltage on xHB .........................................................................................................................................................108V
Average Current in VDD to HB Diode ................................................................................................................... 100 mA
ESD Protection On All Pins (Note 2) ...........................................................................................±1 kV HBM, ±200V MM
Operating Ratings††
Supply Voltage (VDD) [decreasing VDD] ................................................................................................... +5.25V to +16V
Supply Voltage (VDD) [increasing VDD] ...................................................................................................... +5.5V to +16V
Enable Voltage (VEN) ........................................................................................................................................ 0V to VDD
Voltage on xHS ........................................................................................................................................... -0.3V to +85V
Voltage on xHS (repetitive transient < 1 µs)................................................................................................... -1V to +90V
HS Slew Rate........................................................................................................................................................ 50 V/ns
Voltage on xHB ............................................................................................................................................... VHS to VDD
and/or ................................................................................................................................ VDD – 1V to VDD + 85V
Note 1:
“x” in front of a pin name refers to either A or B. (e.g., xHI can be either AHI or BHI).
2:
Devices are ESD-sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series
with 100 pF.
† Notice:
Exceeding the absolute maximum ratings may damage the device.
†† Notice:
The device is not ensured to function outside its operating ratings.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
Unless otherwise indicated: VDD = VxHB = 12V; VEN = 5V; VSS = VxHS = 0V; No load on
xLO or xHO; TA = +25°C. Bold values indicate -40°C ≤ TJ ≤ +125°C.(1,2)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Current
VDD Quiescent Current
IDD
—
200
350
µA
xLI = xHI = 0V
VDD Shutdown Current
IDDSH
—2.5
5
µA
EN = 0V with xHS = floating
—40
100
EN = 0V, xLI, xHI = 12V or 0V
VDD Operating Current
IDDO
—0.35
0.5
mA
fS = 20 kHz
Total xHB Quiescent Current
IHB
—35
75
µA
xLI = xHI = 0V or xLI = 0V
and xHI = 5V
Total xHB Operating Current
IHBO
—30
400
μAfS = 20 kHz
xHB to VSS Quiescent Current
IHBS
—0. 5
5
µA
VxHS = VxHB = 90V
xHB to VSS Operating Current
IHBSO
—3
10
µA
fS = 20 kHz
Note 1:
Specification for packaged product only.
2:
“x” in front of a pin name refers to either A or B (e.g., xHI can be either AHI or BHI).
3:
VIL(MAX) = maximum positive voltage applied to the input which will be accepted by the device as a logic low.
VIH(MIN) = minimum positive voltage applied to the input which will be accepted by the device as a logic high.
4:
xLI/xHI mode with inputs non-overlapping, assumes xHS low before xLI goes high and xLO low before xHI
goes high.
5:
PWM mode (MIC4606-2) or LI/HI mode (MIC4606-1) with overlapping xLI/xHI inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com