Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC175 Datasheet (PDF) - Silicon Supplies

54HC175 Datasheet PDF - Silicon Supplies
Part # 54HC175
Download  54HC175 Download
File Size   895.73 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description High Speed CMOS Logic

54HC175 Datasheet (PDF)

Go To PDF Page Download Datasheet
54HC175 Datasheet PDF - Silicon Supplies

Part # 54HC175
Download  54HC175 Click to download

File Size   895.73 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description High Speed CMOS Logic

54HC175 Datasheet (HTML) - Silicon Supplies


54HC175 Product details

Description
The 54HC175 is fabricated using a 2.5μm 5V CMOS
process and consists of four D-Type flip–flops each
with separate D input and common Reset and Clock
inputs. The logic level present at the “D” input is
transferred to the Q output during the positive-going
transition of the clock pulse. Reset is clock
independent and is accomplished by a low level on the
Reset line. The device is useful for applications where
both the true and complement outputs are required
and the clock and master reset are common to all
storage elements.

Features:
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Low Input Current: 1μA
High Noise Immunity Characteristics of CMOS
Operating Voltage Range: 2.0 to 6.0 V
Direct drop-in replacement for obsolete components
in long term programs.




Similar Part No. - 54HC175

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54HC175 SS-54HC175 Datasheet
792Kb / 6P
High Speed CMOS Logic
Rev 1.0 21/11/17
54HC175 SS-54HC175_V01 Datasheet
792Kb / 6P
High Speed CMOS Logic
Rev 1.0 21/11/17
More results


Similar Description - 54HC175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com