Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC175 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 54HC175
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC175 Datasheet(HTML) 4 Page - Silicon Supplies

  54HC175 Datasheet HTML 1Page - Silicon Supplies 54HC175 Datasheet HTML 2Page - Silicon Supplies 54HC175 Datasheet HTML 3Page - Silicon Supplies 54HC175 Datasheet HTML 4Page - Silicon Supplies 54HC175 Datasheet HTML 5Page - Silicon Supplies 54HC175 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4 of 6
www.siliconsupplies.com
High Speed CMOS Logic – 54HC175
Rev 1.0
21/11/17
AC Electrical Characteristics5
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0
0.1
0.1
0.1
4.5
0.1
0.1
0.1
6.0
VIN = VIH or VIL
│IOUT│≤ 20µA
0.1
0.1
0.1
V
4.5
VIN = VIH or VIL
│IOUT│≤ 4.0mA
0.26
0.33
0.4
Maximum Low-Level
Output Voltage
VOL
6.0
VIN = VIH or VIL
│IOUT│≤ 5.2mA
0.26
0.33
0.4
V
Maximum Input
Leakage Current
IIN
6.0
VIN = GND or VCC
±0.1
±1.0
±1.0
µA
Maximum Quiescent
Supply Current
ICC
6.0
VIN = GND or VDD
IOUT = 0µA
8
80
160
µA
DC Electrical Characteristics Continued (Voltages referenced to GND)
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0
6.0
4.8
4.0
4.5
30
24
20
Maximum Clock
Frequency
(Figure 1, 4)
fmax
6.0
CL = 50pF,
tr = tf = 6ns
35
28
24
MHz
2.0
150
190
225
4.5
30
38
45
Propagation Delay,
Clock to Q or Q
(Figure 1, 4)
tPLH, tPHL
6.0
CL = 50pF,
tr = tf = 6ns
26
33
38
ns
2.0
125
155
190
4.5
25
31
38
Propagation Delay,
Reset to Q or Q
(Figure 2, 4)
tPLH, tPHL
6.0
CL = 50pF,
tr = tf = 6ns
21
26
32
ns
2.0
75
95
110
4.5
15
19
22
Output Transition
Time, Any Output
(Figure 1, 4)
tTLH, tTHL
6.0
CL = 50pF,
tr = tf = 6ns
13
16
19
ns
Input Capacitance
CIN
-
CL = 50pF,
tr = tf = 6ns
10
10
10
pF
TYPICAL
Power Dissipation
Capacitance
(Per Flip-Flop)
CPD
-
TJ = 25°C,
VCC = 5.0V
35
pF
5. Not production tested in die form, characterized by chip design and tested in package.
4. -55˚C ≤ TJ ≤ +125˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com