Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC175 Datasheet(PDF) 3 Page - Silicon Supplies

Part # 54HC175
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC175 Datasheet(HTML) 3 Page - Silicon Supplies

  54HC175 Datasheet HTML 1Page - Silicon Supplies 54HC175 Datasheet HTML 2Page - Silicon Supplies 54HC175 Datasheet HTML 3Page - Silicon Supplies 54HC175 Datasheet HTML 4Page - Silicon Supplies 54HC175 Datasheet HTML 5Page - Silicon Supplies 54HC175 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
www.siliconsupplies.com
High Speed CMOS Logic – 54HC175
Rev 1.0
21/11/17
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
DC Supply Voltage (Referenced to GND)
VCC
-0.5 to +7.0
V
DC Input Voltage (Referenced to GND)
VIN
-1.5 to VCC+1.5
V
DC Output Voltage (Referenced to GND)
VOUT
-0.5 to VCC+0.5
V
Storage Temperature Range
TSTG
-65 to 150
°C
Input Current (per Pad)
IIN
±20
mA
Output Current (per Pad)
IOUT
±25
mA
DC Supply Current, VCC or GND, per pad
ICC
±50
mA
Power Dissipation in Still Air
2
PD
750
mW
DC Electrical Characteristics (Voltages referenced to GND)
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0
1.5
1.5
1.5
4.5
3.15
3.15
3.15
Minimum High-Level
Input Voltage
VIH
6.0
VOUT = 0.1V
or VCC -0.1V
│IOUT│≤ 20µA
4.2
4.2
4.2
V
2.0
0.3
0.3
0.3
4.5
0.9
0.9
0.9
Maximum Low-Level
Input Voltage
VIL
6.0
VOUT = 0.1V
or VCC -0.1V
│IOUT│≤ 20µA
1.2
1.2
1.2
V
2.0
1.9
1.9
1.9
4.5
4.4
4.4
4.4
6.0
VIN = VIH or VIL
│IOUT│≤ 20µA
5.9
5.9
5.9
V
4.5
VIN = VIH or VIL
│IOUT│≤ 4.0mA
3.98
3.84
3.7
V
Minimum High-Level
Output Voltage
VOH
6.0
VIN = VIH or VIL
│IOUT│≤ 5.2mA
5.48
5.34
5.2
V
PARAMETER
SYMBOL
MIN
MAX
UNITS
Supply Voltage
VCC
2.0
6.0
V
DC Input Voltage, Output Voltage
VIN, VOUT
0
VCC
V
Operating Temperature Range
TJ
-55
+125
°C
VCC=2.0V
0
1000
VCC=4.5V
0
500
Input Rise / Fall Time
VCC=6.0V
tr, tf
0
400
ns
Recommended Operating Conditions3 (Voltages referenced to GND)
3. This device contains protection circuitry against damage due to high static voltages or electric fields. However, precautions must be taken to avoid
applications of voltage higher than max rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to range
GND ≤ (VIN or VOUT) ≤ VCC. Unused inputs must be tied to an appropriate logic voltage level (e.g., GND or VCC). Unused outputs must be left open.
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability. 2. Measured in plastic DIP package, results in die form are dependent on die attach and assembly method.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com