Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD3V3NW-SF Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD3V3NW-SF Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD3V3NW-SF
Download  PESD3V3NW-SF Download
File Size   236.12 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance bidirectional ESD protection

PESD3V3NW-SF Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD3V3NW-SF Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD3V3NW-SF
Download  PESD3V3NW-SF Click to download

File Size   236.12 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance bidirectional ESD protection

PESD3V3NW-SF Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD3V3NW-SF Product details

1. General description
Extremely low capacitance bidirectional ElectroStatic Discharge (ESD) protection diode, part of the
TrEOS protection family . The device is housed in a DSN0603-2 (SOD962-2) leadless ultra small
Surface-Mounted Device (SMD) package designed to protect one signal line from the damage
caused by ESD and other transients.
2. Features and benefits
• Bidirectional ESD protection of one line
• Surge robustness IPPM = 20 A according to IEC 61000-4-5
• Extremely low diode capacitance Cd = 1.2 pF max.
• Extremely low clamping to protect sensitive I/Os
• Extremely low-inductance protection path to ground
• ESD protection up to ± 30 kV according to IEC 61000-4-2
• Ultra small SMD package
3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals




Similar Part No. - PESD3V3NW-SF

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PESD3V3 PROTEC-PESD3V3 Datasheet
410Kb / 6P
DOUBLE ESD PROTECTION DIODE
logo
Nexperia B.V. All right...
PESD3V3C1BSF NEXPERIA-PESD3V3C1BSF Datasheet
694Kb / 12P
Ultra low capacitance bidirectional ESD protection diode
logo
NXP Semiconductors
PESD3V3C1BSF PHILIPS-PESD3V3C1BSF_15 Datasheet
189Kb / 12P
Ultra low capacitance bidirectional ESD protection diode
26 June 2015
logo
Nexperia B.V. All right...
PESD3V3F1BSF NEXPERIA-PESD3V3F1BSF Datasheet
152Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD3V3F2UT NEXPERIA-PESD3V3F2UT Datasheet
211Kb / 11P
ESD protection diode
8 February 2021
More results


Similar Description - PESD3V3NW-SF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0X1BCAL PHILIPS-PESD5V0X1BCAL Datasheet
426Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-1 February 2012
PESD5V0F1BSF PHILIPS-PESD5V0F1BSF_15 Datasheet
356Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-10 December 2012
PESD5V0X1BCL PHILIPS-PESD5V0X1BCL_15 Datasheet
400Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-12 March 2012
logo
Nexperia B.V. All right...
PESD3V3R1BBSF NEXPERIA-PESD3V3R1BBSF Datasheet
152Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
12 March 2021
PESD4V0W1BCSF NEXPERIA-PESD4V0W1BCSF Datasheet
1Mb / 16P
Extremely low capacitance bidirectional ESD protection diode
28 September 2021
PESD4V0Y1BSF NEXPERIA-PESD4V0Y1BSF Datasheet
1Mb / 15P
Extremely low capacitance bidirectional ESD protection diode
8 April 2021
PESD5V0R1BBSF NEXPERIA-PESD5V0R1BBSF Datasheet
157Kb / 8P
Extremely low capacitance bidirectional ESD protection diode
28 October 2020
PESD15VR1BSF NEXPERIA-PESD15VR1BSF Datasheet
155Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
16 February 2022
PESD15VW1BCSF NEXPERIA-PESD15VW1BCSF Datasheet
152Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
4 May 2021
PESD18VF1BBSF NEXPERIA-PESD18VF1BBSF Datasheet
218Kb / 11P
Extremely low capacitance bidirectional ESD protection diode
19 July 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com