Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD15VR1BSF Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD15VR1BSF Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD15VR1BSF
Download  PESD15VR1BSF Download
File Size   155.73 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance bidirectional ESD protection diode

PESD15VR1BSF Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD15VR1BSF Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD15VR1BSF
Download  PESD15VR1BSF Click to download

File Size   155.73 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance bidirectional ESD protection diode

PESD15VR1BSF Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD15VR1BSF Product details

1. General description
Extremely low capacitance bidirectional ElectroStatic Discharge (ESD) protection diode, part of the
TrEOS protection family. This device is housed in a DSN0603-2 (SOD962-2) leadless ultra small
Surface-Mounted Device (SMD) package, designed to protect one signal line from the damage
caused by ESD and other transients.
2. Features and benefits
• Bidirectional ESD protection of one line
• VRWM = 15 V device
• Extremely low diode capacitance: Cd = 0.11 pF typical
• Very low clamping voltage to protect sensitive I/Os
• Extremely low-inductance protection path to ground
• Insertion loss: -0.25 dB at 10 GHz
• Return loss: -26 dB at 10 GHz
• Ultra small SMD package
3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals
• Antenna protection
• USB4, USB3.2, Thunderbolt 3 and 4, HDMI2.1 data lines




Similar Part No. - PESD15VR1BSF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD15VL1BA PHILIPS-PESD15VL1BA Datasheet
179Kb / 15P
Low capacitance bidirectional ESD protection diodes in
Rev. 01-4 October 2004
PESD15VL1BA NXP-PESD15VL1BA Datasheet
190Kb / 15P
Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
PESD15VL1BA NXP-PESD15VL1BA Datasheet
190Kb / 15P
Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD15VL1BA NEXPERIA-PESD15VL1BA Datasheet
230Kb / 11P
Low capacitance bidirectional ESD protection diode
13 April 2023
logo
Guangdong Youtai Semico...
PESD15VL1BA UMW-PESD15VL1BA Datasheet
286Kb / 4P
Solid-state silicon-avalanche technology
More results


Similar Description - PESD15VR1BSF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0F1BSF PHILIPS-PESD5V0F1BSF_15 Datasheet
356Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-10 December 2012
PESD5V0X1BCL PHILIPS-PESD5V0X1BCL_15 Datasheet
400Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-12 March 2012
logo
Nexperia B.V. All right...
PESD5V0F1BSF NEXPERIA-PESD5V0F1BSF Datasheet
239Kb / 13P
Extremely low capacitance bidirectional ESD protection diode
PESD5V0X1BCAL-Q NEXPERIA-PESD5V0X1BCAL-Q Datasheet
215Kb / 10P
Extremely low capacitance bidirectional ESD protection diode
1 June 2022
PESD2V0Y1BSF NEXPERIA-PESD2V0Y1BSF Datasheet
1Mb / 15P
Extremely low capacitance bidirectional ESD protection diode
1 March 2021
PESD2V5Y1BSF NEXPERIA-PESD2V5Y1BSF Datasheet
603Kb / 14P
Extremely low capacitance bidirectional ESD protection diode
8 April 2021
PESD3V3R1BSF NEXPERIA-PESD3V3R1BSF Datasheet
152Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
12 March 2021
PESD3V6Z1BCSF NEXPERIA-PESD3V6Z1BCSF Datasheet
699Kb / 16P
Extremely low capacitance bidirectional ESD protection diode
2 March 2021
PESD15VW1ACSF NEXPERIA-PESD15VW1ACSF Datasheet
156Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
19 January 2022
PESD5V5HS2-SF NEXPERIA-PESD5V5HS2-SF Datasheet
192Kb / 10P
Extremely low capacitance bidirectional ESD protection diode
23 May 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com