Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7139TW Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7139TW Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7139TW
Download  VSC7139TW Download
File Size   247.47 Kbytes
Page   18 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Quad Transceiver for Gigabit Ethernet and Fibre Channel

VSC7139TW Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7139TW Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7139TW
Download  VSC7139TW Click to download

File Size   247.47 Kbytes
Page   18 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Quad Transceiver for Gigabit Ethernet and Fibre Channel

VSC7139TW Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7139TW Product details

General Description
The VSC7139 is a full-speed Quad Fibre Channel and Gigabit Ethernet Transceiver IC. Each of the four transmitters has a 10-bit wide bus, running up to 136MHz, which accepts 8B/10B encoded transmit characters and serializes the data onto high speed differential outputs at speeds up to 1.36Gb/s.
   
Features
• Four Complete Transmitter/ Receiver Functions
    in a Single Integrated Circuit
• Full Fibre Channel (T11) and Gigabit Ethernet
    (IEEE 802.3z) Compliance
• 1.05Gb/s to 1.36Gb/s Operation per Channel
• Common or Per-Channel Transmit Byte Clocks
• TTL or PECL Reference Clock Input
• 1/10th or 1/20th Baud Rate Recovered Clocks
• Common and Per-Channel, Serial and Parallel Loopback Controls
• Common Comma Detect Enable Inputs
• Per-Channel Comma Detect Outputs
• Cable Equalization in Receivers
• Automatic Lock-to-Reference
• 3.3V Power Supply, 2.67 W Max Power
    Dissipation
• 208-Pin, 23mm BGA Packaging
   




Similar Part No. - VSC7139TW

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132YB VITESSE-VSC7132YB Datasheet
101Kb / 8P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
10-bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7133QU VITESSE-VSC7133QU Datasheet
304Kb / 18P
10-bit Transceiver for Fibre Channel and Gigabit Ethernet
More results


Similar Description - VSC7139TW

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
10-bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
Hitachi Semiconductor
HTR6516 HITACHI-HTR6516 Datasheet
569Kb / 16P
SFP TRANSCEIVER for Gigabit Ethernet Fibre Channel
logo
Vitesse Semiconductor C...
VSC7186 VITESSE-VSC7186 Datasheet
221Kb / 16P
Quad Transceiver for Gigabit Ethernet
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
Gigabit Ethernet/Fibre Channel Transceiver
S2070 AMCC-S2070 Datasheet
168Kb / 20P
FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
Gigabit Ethernet and Fibre Channel SFPs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com