Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPB586G Datasheet (PDF) - NEC

UPB586G Datasheet PDF - NEC
Part # UPB586G
Download  UPB586G Download
File Size   62.17 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2.5 GHz DIVIDE- BY- 512/256 PRESCALER

UPB586G Datasheet (PDF)

Go To PDF Page Download Datasheet
UPB586G Datasheet PDF - NEC

Part # UPB586G
Download  UPB586G Click to download

File Size   62.17 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2.5 GHz DIVIDE- BY- 512/256 PRESCALER

UPB586G Datasheet (HTML) - NEC


UPB586G Product details

DESCRIPTION
The UPB586 series of devices are silicon bipolar prescalers which can be operated in divide-by-256 or divide-by-512 mode. They feature high frequency response and operate from a single 5 volt supply. The series is available in two package styles: 8 lead ceramic flat pack (UPB586B) and an 8 pin plastic mini-flat package (UPB586G).
Applications include frequency synthesis, division and scaling.

FEATURES
• HIGH FREQUENCY OPERATION TO 2.5 GHz
• WIDE BAND OPERATION
• SINGLE SUPPLY VOLTAGE: VCC = 5 V ±10%
• AVAILABLE IN TAPE AND REEL (G08 PACKAGE)




Similar Part No. - UPB586G

ManufacturerPart #DatasheetDescription
logo
NEC
UPB586G NEC-UPB586G Datasheet
60Kb / 8P
3.0 GHz PRESCALER DIVIDED BY 256, 128, 64 FOR BS/CS TUNER
UPB586G NEC-UPB586G Datasheet
143Kb / 20P
3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
More results


Similar Description - UPB586G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAB6456 PHILIPS-SAB6456 Datasheet
77Kb / 10P
Sensitive 1 GHz divide-by-64/divide-by-256 switchable prescaler
June 1986
logo
NEC
UPG501 NEC-UPG501 Datasheet
41Kb / 2P
5 GHz DIVIDE-BY-4 STATIC PRESCALER
UPG506B NEC-UPG506B Datasheet
54Kb / 4P
14 GHz DIVIDE-BY-8 DYNAMIC PRESCALER
UPG503B NEC-UPG503B Datasheet
57Kb / 4P
9 GHz DIVIDE-BY-4 DYNAMIC PRESCALER
logo
Fairchild Semiconductor
11C83 FAIRCHILD-11C83 Datasheet
301Kb / 4P
1GHz DIVIDE-BY-248/256 PRESCALER
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 2 PRESCALER
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 4 PRESCALER
UPB1507GV CEL-UPB1507GV Datasheet
140Kb / 11P
NEC 3.0 GHz DIVIDE BY 64/128/256 PRESCALER
logo
Lucky Light Electronic
PE3513 LUCKY-LIGHT-PE3513_15 Datasheet
260Kb / 9P
Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
Divide-by-2 Prescaler
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com