Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPB586G Datasheet (PDF) - NEC

UPB586G Datasheet PDF - NEC
Part # UPB586G
Download  UPB586G Download
File Size   60.06 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3.0 GHz PRESCALER DIVIDED BY 256, 128, 64 FOR BS/CS TUNER

UPB586G Datasheet (PDF)

Go To PDF Page Download Datasheet
UPB586G Datasheet PDF - NEC

Part # UPB586G
Download  UPB586G Click to download

File Size   60.06 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3.0 GHz PRESCALER DIVIDED BY 256, 128, 64 FOR BS/CS TUNER

UPB586G Datasheet (HTML) - NEC


UPB586G Product details

DESCRIPTION

µPB1505GR is a silicon prescaler IC operating up to 3.0 GHz and divided by 256, 128, 64. Due to 3.0 GHz operation and high division, this IC can contribute to produce BS/CS tuners with kit-use of 17K series DTS controller or standard CMOS PLL IC. The package is 8 pin plastic SOP suitable for surface mounting.

This IC is manufactured using NEC’s 20 GHz fT NESAT III silicon bipolar process. This process uses silicon nitride passivation film and gold electrodes. These materials can protect the chips from external pollution and prevent corrosion/migration. Thus, this IC has with excellent performance, uniformity and reliability.



FEATURES

• High toggle-frequency : 0.5 GHz to 3.0 GHz

• Low power-consumption : 14 mA TYP. at 5 V

• High divide-ratio : ÷256, ÷128, ÷64

• High input-sensitivity : –14 to +10 dBm @ 1.0 GHz to 2.7 GHz

• Wide output-swing : 1.6 Vp-p (CL = 8 pF load)




Similar Part No. - UPB586G

ManufacturerPart #DatasheetDescription
logo
NEC
UPB586G NEC-UPB586G Datasheet
143Kb / 20P
3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
UPB586G NEC-UPB586G Datasheet
62Kb / 4P
2.5 GHz DIVIDE- BY- 512/256 PRESCALER
UPB586G-E1 NEC-UPB586G-E1 Datasheet
62Kb / 4P
2.5 GHz DIVIDE- BY- 512/256 PRESCALER
More results


Similar Description - UPB586G

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1502GR NEC-UPB1502GR Datasheet
165Kb / 4P
1.7 GHz/ 2.0 GHz LOW-POWER TWO-MODULUS PRESCALER DIVIDED-BY-64/65, 128/129
UPB1506GV NEC-UPB1506GV Datasheet
143Kb / 20P
3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
logo
NXP Semiconductors
SAB6456 PHILIPS-SAB6456 Datasheet
77Kb / 10P
Sensitive 1 GHz divide-by-64/divide-by-256 switchable prescaler
June 1986
logo
Toshiba Semiconductor
TA4303F TOSHIBA-TA4303F Datasheet
247Kb / 9P
DOWN COVERTER FOR BS/CS TUNER IC
logo
Renesas Technology Corp
HVC316 RENESAS-HVC316 Datasheet
154Kb / 5P
Variable Capacitance Diode for BS/CS tuner
HVD316 RENESAS-HVD316 Datasheet
61Kb / 5P
Variable Capacitance Diode for BS/CS tuner
logo
Texas Instruments
MC12079 TI-MC12079 Datasheet
77Kb / 4P
MECL PLL COMPONENTS /64/128/256 PRESCALER
logo
Toshiba Semiconductor
TA4303F TOSHIBA-TA4303F_07 Datasheet
573Kb / 10P
Down Converter for BS/CS Tuner IC
logo
California Eastern Labs
UPB1507GV CEL-UPB1507GV Datasheet
140Kb / 11P
NEC 3.0 GHz DIVIDE BY 64/128/256 PRESCALER
logo
Renesas Technology Corp
HVU316 RENESAS-HVU316 Datasheet
144Kb / 5P
Variable Capacitance Diode for BS/CS tuner
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com