Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA780 Datasheet (PDF) - Monolithic Power Systems

MA780 Datasheet PDF - Monolithic Power Systems
Part # MA780
Download  MA780 Download
File Size   1277.23 Kbytes
Page   32 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection

MA780 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA780 Datasheet PDF - Monolithic Power Systems

Part # MA780
Download  MA780 Click to download

File Size   1277.23 Kbytes
Page   32 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection

MA780 Datasheet (HTML) - Monolithic Power Systems


MA780 Product details

DESCRIPTION
The MA780 is a low-power angle sensor that
detects the absolute angular position of a
permanent magnet, such as a diametrically
magnetized cylinder on a rotating shaft. With its
power-cycling ability, the sensor is optimized for
applications that require low average power.
Timing can be controlled via an on-chip clock or
external controller. Flags are provided to detect
a definable amount of angle change.
The MA780 supports a wide range of magnetic
field strengths and spatial configurations. Both
end-of-shaft and off-axis (side-shaft mounting)
configurations are supported.
On-chip, non-volatile memory (NVM) provides
storage for configuration parameters, including
the reference zero-angle position, power cycling
parameters, and the filter window that affects the
output resolution.
The MA780 is available in a QFN-16 (3mmx3mm)
package.

FEATURES
 8-Bit to 12-Bit Resolution Absolute
Contactless Angle Encoder
 <0.5μA Current Consumption in Idle Mode
 10mA Current Consumption in Active Mode
 Angle Detection Interrupt to Wake System
 Supports On-Axis and Off-Axis Operation
 Serial Peripheral Interface (SPI)
 3.3V Supply
 -40°C to +125°C Operating Temperature
 Available in a QFN-16 (3mmx3mm)
Package

APPLICATIONS
 General-Purpose Angle Measurements
 Battery-Powered Devices
 Multi-Turn Encoders
 Low-Power Rotary Knob Interfaces




Similar Part No. - MA780

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA781 PANASONIC-MA781 Datasheet
77Kb / 3P
Silicon epitaxial planar type
logo
Murata Manufacturing Co...
MA78101BAN MURATA-MA78101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA78101BBN MURATA-MA78101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA78101CAN MURATA-MA78101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA78101CBN MURATA-MA78101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results


Similar Description - MA780

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5163 AMSCO-AS5163 Datasheet
881Kb / 33P
12 BIT AUTOMOTIVE Angle Position Sensor
AS5163 AMSCO-AS5163_1 Datasheet
1Mb / 36P
12-Bit Automotive Angle Position Sensor
logo
List of Unclassifed Man...
AS5161 ETC2-AS5161 Datasheet
1Mb / 35P
12-Bit Magnetic Angle Position Sensor
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
12-Bit Magnetic Angle Position Sensor
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
12-Bit Magnetic Angle Position Sensor
AS5163 AMSCO-AS5163_04 Datasheet
2Mb / 37P
12-Bit Automotive Angle Position Sensor
AS5261 AMSCO-AS5261 Datasheet
1Mb / 33P
12-Bit Automotive Angle Position Sensor
AS5262 AMSCO-AS5262 Datasheet
1Mb / 37P
12-Bit Magnetic Angle Position Sensor
logo
Texas Instruments
TMAG3001 TI-TMAG3001 Datasheet
2Mb / 81P
TMAG3001 Low-Power 3D Linear and Angle Hall-Effect Sensor With I2C Interface and Wake Up Detection in WCSP
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com