Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA780 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 5Page - Monolithic Power Systems MA780 Datasheet HTML 6Page - Monolithic Power Systems MA780 Datasheet HTML 7Page - Monolithic Power Systems MA780 Datasheet HTML 8Page - Monolithic Power Systems MA780 Datasheet HTML 9Page - Monolithic Power Systems MA780 Datasheet HTML 10Page - Monolithic Power Systems MA780 Datasheet HTML 11Page - Monolithic Power Systems MA780 Datasheet HTML 12Page - Monolithic Power Systems MA780 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
9
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Figure 9: Signal Timing for ASC Mode
Externally Controlled
The master
controls the MA780’s power mode
via digital input pins (EN and ASC). Switch
between any power modes using these pins.
For more details, see Table 15 and Table 16 on
page 23.
Power Supply
It is recommended to place a 1µF decoupling
capacitor close to the sensor with a low
impedance path to GND (see Figure 10).
3.3V
1µF
GND
VDD
MA780
TEST
Exposed
Pad
VDDIO
1.8V to 3.3V
Figure 10: Electrical Mounting and Power Supply
Decoupling
Generally, the MA780 works well regardless of
whether the exposed pad is connected. If both
options are possible, it is recommended not to
solder the exposed pad.
Serial Interface
The sensor supports the serial peripheral
interface (SPI) to read angles and register
configurations.
Serial Peripheral Interface (SPI)
The SPI is a four-wire, synchronous, serial
communication interface. The MA780 supports
SPI Mode 3 and Mode 0. Table 2 shows the SPI
specifications.
Table 2: SPI Specifications
Mode 0
Mode 3
SCLK Idle State
Low
High
Data Capture
On SCLK rising edge
Data Transmission
On SCLK falling edge
/CS Idle State
High
Data Order
MSB first
The SPI Mode (0 or 3) is detected automatically
by the sensor, and does not require additional
action. SPI Mode 0 has a more robust data
transfer, so it is recommended to be the default
communication mode. The maximum clock rate
supported on the SPI is 25MHz. There is no
minimum clock rate. Real life data rates depend
on the PCB layout and signal trace length. For
the SPI timing, see Figure 12, Figure 13, and
Table 4 on page 12. Table 3 shows the standard
SPI values.
Table 3: SPI Standard
Mode 0
Mode 3
CPOL
0
1
CPHA
0
1
Data Order (DORD)
0 (MSB first)
All commands to the MA780 (whether for writing
or reading register content) must be transferred
through the SPI MOSI pin, and the command
must
be
16
bits
long.
See
the
SPI
Communication section on page 13 for more
details.
SPI Signal Routing on a PCB
For a reliable data transfer through the SPI bus
between the sensor (slave) and the controller
(master), special considerations should be made
for the PCB design, and the SCLK line in
particular. For the best results, follow the
guidelines below.
 Properly shield all SPI signals with a GND
plane on both sides of each trace, and shield
the GND plane underneath the SPI traces.
 Place vias along these traces to connect the
top and bottom GND planes.
 To reduce EMI issues, route the SCLK signal
away from the other SPI signals and noise
sources. The distance should be at least 3
times longer than the SCLK trace width.
SPI
out
Idle
Active
Idle
αi
αi+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com