Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA780 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 7Page - Monolithic Power Systems MA780 Datasheet HTML 8Page - Monolithic Power Systems MA780 Datasheet HTML 9Page - Monolithic Power Systems MA780 Datasheet HTML 10Page - Monolithic Power Systems MA780 Datasheet HTML 11Page - Monolithic Power Systems MA780 Datasheet HTML 12Page - Monolithic Power Systems MA780 Datasheet HTML 13Page - Monolithic Power Systems MA780 Datasheet HTML 14Page - Monolithic Power Systems MA780 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
11
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
/CS
MISO
MOSI
MSB
SCLK
Hi-Z
LSB
X
MSB
tMISO
tCSL
tMOSI
tSCLKL tSCLKH
tSCLK
tMISO
tMOSI
tIDLE_ANGLE
tMISO
MSB
Hi-Z
X
MSB
LSB
tCSH
tSTORE_ALL_REG_TO_NVM
tRESTORE_ALL_REG_FROM_NVM
tSTORE_REG_TO_NVM
tCLEAR_FAULT
tIDLE_WRITE_REG
tIDLE_READ_REG
Figure 12: SPI Timing Diagram (Mode 3)
/CS
MISO
MOSI
Angle
0
Angle
Angle
Angle
0
0
Read Reg.
Command
Reg Value
0
Angle
0
Angle
Write Reg.
Command
Reg Value
0
Angle
0
tIDLE_ANGLE
tIDLE_ANGLE
tIDLE_ANGLE
tIDLE_READ_REG
tIDLE_ANGLE
tIDLE_READ_REG
tIDLE_WRITE_REG
tIDLE_WRITE_REG
Figure 13: Minimum Idle Time
Table 4: SPI Timing
Parameter (7)
Description
Min
Max
Unit
tIDLE_ANGLE
Idle time between two subsequent angle transmissions
120
ns
tIDLE_READ_REG
Idle time before and after a register readout
120
ns
tIDLE_WRITE_REG
Idle time before and after a register write.
120
ns
tSTORE_REG_TO_NVM
Time required to store a register value to the NVM
23
ms
tSTORE_ALL_REGT_O_NVM
Time required to store all register values to the NVM
704
ms
tRESTORE_ALL_REG_FROM_NVM
Time required to restore all register values from the NVM
240
µs
tCLEAR_FAULT
Time required to clear the fault flags (register 26)
40
ns
tCSL
Time between /CS falling edge and SCLK falling edge
120
ns
tSCLK
SCLK period
40
ns
tSCLKL
Low level of the SCLK signal
20
ns
tSCLKH
High level of the SCLK signal
20
ns
tCSH
Time between the SCLK rising edge and /CS rising edge
20
ns
tMISO
SCLK falling edge to data output valid
15
ns
tMOSI
Data input valid to SCLK reading edge
15
ns
Note:
7) All values are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com