Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA780 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 9Page - Monolithic Power Systems MA780 Datasheet HTML 10Page - Monolithic Power Systems MA780 Datasheet HTML 11Page - Monolithic Power Systems MA780 Datasheet HTML 12Page - Monolithic Power Systems MA780 Datasheet HTML 13Page - Monolithic Power Systems MA780 Datasheet HTML 14Page - Monolithic Power Systems MA780 Datasheet HTML 15Page - Monolithic Power Systems MA780 Datasheet HTML 16Page - Monolithic Power Systems MA780 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
13
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Figure 16 shows a complete read register
transmission overview. Figure 17 shows a
complete read register example.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Angle
0
1
0
4
3
2
1
0
7
6
5
4
3
2
1
0
0x00
/CS
SCLK
MISO
MOSI
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0x0000
Read Command
Register Address
7
6
5
4
3
2
1
0
Register Value
Angle
tIDLE_READ_REG
Figure 16: Two 16-Bit Frames Read Register Operation
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Angle
0
1
0
4
3
2
1
0
7
6
5
4
3
2
1
0
0x00
/CS
SCLK
MISO
MOSI
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0x0000
Read Command
26 (0x1A)
7
6
5
4
3
2
1
0
Register 26 Value
Angle
tIDLE_READ_REG
Figure 17: Read the Status Byte in Register 26
SPI Write Register
A write register operation is made of two 16-bit
frames. The first frame sends a write request,
which contains the 3-bit write command (100)
followed by the 5-bit register address and the 8-
bit value (MSB first). The second frame returns
the newly written register value (acknowledge)
with an 8-bit angle value. In ASC mode, if the
write command is sent when the sensor is in a
transition from an active state to an idle state, the
write command might fail. Therefore, it is
recommended to verify that the write command
was
successful
by
reading
the
acknowledgement.
The first 16-bit SPI frame (write request) is as
follows:
MSB
LSB
MISO
Angle(15:0)
Command
Reg. Address
Reg. Value
MOSI
1
0
0
A4 A3 A2 A1 A0 V7 V6 V5 V4 V3 V2 V1 V0
The second 16-bit SPI frame (response) is as
follows:
Reg. Value
MISO
Angle(15:8)
V7 V6 V5 V4 V3 V2 V1 V0
MSB
LSB
MOSI
0
The readback register content can be used to
verify the register configuration. Figure 18 shows
a complete transmission overview.
For example, to set the value of the output
rotation direction (RD) to counterclockwise (RD
bit = logic 1), write register 9 by sending the
following first frame:
Reg. Value
MISO
Angle(15:8)
1 0 0 0 0 0 0 0
MSB
LSB
MOSI
0
Figure 19 shows a complete example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com