Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA780 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MA780 Datasheet HTML 17Page - Monolithic Power Systems MA780 Datasheet HTML 18Page - Monolithic Power Systems MA780 Datasheet HTML 19Page - Monolithic Power Systems MA780 Datasheet HTML 20Page - Monolithic Power Systems MA780 Datasheet HTML 21Page - Monolithic Power Systems MA780 Datasheet HTML 22Page - Monolithic Power Systems MA780 Datasheet HTML 23Page - Monolithic Power Systems MA780 Datasheet HTML 24Page - Monolithic Power Systems MA780 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
21
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Table 13: Trimming Direction Parameters
ETX
Enable Trimming of the X-Axis
0
Disabled
1
Enabled
ETY
Enable Trimming of the Y-Axis
0
Disabled
1
Enabled
Status Byte
Register 26 contains information about the
sensor
’s operational integrity.
ERRPAR
When using 17-bit communication on the SPI
bus, the SPI write register command sent by the
controller to the sensor can be checked for parity
(unlike the other commands). The controller
sends a parity bit on the MOSI line after the 16-
bit command. The sensor checks the parity of
the 17-bit long command. If there is a parity error,
then the data to be written to the register is
discarded and the ERRPAR bit asserts (set to 1).
ERRMEM
The ERRMEM bit asserts (set to 1) if an SPI write
register command is sent while the NVM is busy
(NVM pin is high). To avoid raising the ERRMEM
flag, the user must ensure that no SPI write is
sent while the NVM pin is high (set to 1). It is also
recommended to check that the register value
returned by the SPI write register command
matches the desired written value (see the SPI
Write Register section on page 14).
ERRNVM
Restoring register values from the NVM is
secured by a cyclic redundancy check (CRC)
algorithm. If the generated CRC result does not
match the stored value (called a mismatch), the
ERRNVM bit asserts (set to 1). If any error flag
is asserted, the ERR pin is set to logic 1. Clear
the error flags and ERR pin by sending the SPI
Clear Error Flags command.
Filter Window Size
The filter window (FW) determines the effective
resolution (defined as the ±3
σ noise interval).
Figure 31 shows the effective resolution for
different FWs and the magnetic field (B).
Figure 31: MA780 Resolution
Since FW modifies the filter time
constant (τ),
FW impacts the output bandwidth. The upper
limit of the bandwidth and the cutoff frequency
(fCUTOFF) are related to τ. fCUTOFF can be estimated
with Equation (6):
fCUTOFF = 0.16/ τ
(6)
When the MA780 enters active mode (whether it
is externally controlled or in ASC mode), the
digital filter has to settle . Therefore, the angle
output is not stable until a certain amount of time
has passed (called the filter settling time). This
time is indicated by the data valid flag (DV output
pin). Table 14 show the time constant and the
settling time for each window size.
Table 14: Filter Window Size (9)
Filter
Window
FW[3:0]
τ (µs)
Filter Settling
Time (µs)
fCUTOFF
(Hz)
0
1
1
160,000
1
2
3
79,600
2
4
7
39,800
3
8
15
19,890
4
16
31
9,950
5
32
63
4,970
6
64
127
2,490
7
128
255
1,240
8
256
511
622
9
512
1023
311
10
1024
2047
155
11
2048
4095
78
12
4096
8191
39
13
4096
8191
39
14
4096
8191
39
15
4096
8191
39
Note:
9) See the Electrical Characteristics section on page 4 for the filter
settling time accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com