Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA780 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MA780
Description  8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA780 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MA780 Datasheet HTML 1Page - Monolithic Power Systems MA780 Datasheet HTML 2Page - Monolithic Power Systems MA780 Datasheet HTML 3Page - Monolithic Power Systems MA780 Datasheet HTML 4Page - Monolithic Power Systems MA780 Datasheet HTML 5Page - Monolithic Power Systems MA780 Datasheet HTML 6Page - Monolithic Power Systems MA780 Datasheet HTML 7Page - Monolithic Power Systems MA780 Datasheet HTML 8Page - Monolithic Power Systems MA780 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MA780 – 8-BIT TO 12-BIT LOW-POWER ANGLE SENSOR
MA780 Rev. 1.2
MonolithicPower.com
4
8/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VDD = 3.3V, B = 45mT to 100mT, TA = -40°C to +125°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Active supply current
IACTIVE
10
12.5
mA
Idle supply current
IIDLE
Below 85°C
0.3
1.9
µA
Absolute Output
– Serial
Effective resolution
±
3σ deviations from the noise
distribution
8
12
bits
Noise RMS
1σ from the noise distribution
0.015
0.2
deg
Refresh rate
Active mode
850
980
1100
kHz
Data output length
16
16
bits
Response Time
VDD power-up time
After setting VDD at 3.3V
600
µs
Start-up time
tSTART_UP
From active to data valid while FW = 0
35
µs
Latency (4)
Constant speed propagation delay
during tACTIVE, equals the FW time
constant (
������) + 3µs
4
4000
µs
Filter cutoff frequency (4)
fCUTOFF
Depends on FW
39
160000
Hz
128MHz internal high
freq CLK error (affects
TACT & filter settling
time)
At room temperature
-13
+12
%
Cycle time accuracy
At room temperature
-5
+5
%
Accuracy
INL at 25°C
At room temperature across the full
field range
0.7
deg
INL between -40°C to
+125°C (5)
Across the full temperature range and
field range
1.1
deg
Output Drift
Temperature-induced
drift at room temp (5)
0.01
deg/°C
Temperature-induced
variation (5)
From 25°C to 85°C
0.5
deg
From 25°C to 125°C
0.7
deg
Induced magnetic field (5)
0.01
deg/mT
Induced supply voltage (5)
0.35
deg/V
Digital I/O
Input high voltage (5)
VIH
VDDIO = 3.3V
2.5
5.5
V
VDDIO = 1.8V
1.2
5.5
V
Input low voltage (5)
VIL
VDDIO = 3.3V
-0.3
+0.8
V
VDDIO = 1.8V
-0.3
+0.4
V
Output low voltage (5)
VOL
IOL = 4mA, VDDIO = 3.3V
0.4
V
IOL = 4mA, VDDIO = 1.8V
0.4
V
Output high voltage (5)
VOH
IOL = 4mA, VDDIO = 3.3V
2.4
V
IOL = 4mA, VDDIO = 1.8V
1.2
V
Falling edge slew rate (4)
tF
CL = 50pF
0.7
V/ns
Notes:
4) Guaranteed by design.
5) Guaranteed by characteristic testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com