Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7758GF Datasheet (PDF) - Monolithic Power Systems

MP7758GF Datasheet PDF - Monolithic Power Systems
Part # MP7758GF
Download  MP7758GF Download
File Size   1857.23 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 18V, 2 x 15W Stereo BTL, Fixed-Frequency,Inductorless Class-D Audio Amplifier

MP7758GF Datasheet (PDF)

Go To PDF Page Download Datasheet
MP7758GF Datasheet PDF - Monolithic Power Systems

Part # MP7758GF
Download  MP7758GF Click to download

File Size   1857.23 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 18V, 2 x 15W Stereo BTL, Fixed-Frequency,Inductorless Class-D Audio Amplifier

MP7758GF Datasheet (HTML) - Monolithic Power Systems


MP7758GF Product details

DESCRIPTION
The MP7758 is an inductorless, analog input
class-D audio amplifier that drives stereo
speakers in a bridge-tied load configuration.
The device is a fully integrated audio amplifier,
which reduces solution size dramatically. It
integrates 240mΩ power MOSFETs and shortcircuit
protection circuits.
The MP7758 features start-up/shutdown pop
elimination, as well as advanced EMI
performance. The device can pass EMC tests
without an inductor.
The device utilizes a stereo BTL structure
capable of delivering 15W per channel into 8Ω
speakers with a 16V power supply. MPS class-
D audio amplifiers exhibit the high fidelity of
class-AB amplifiers, with high efficiency.
The MP7758 includes an internal circuit that
allows the system to automatically shut down
after the absence of an audio signal is detected.
This feature is well-suited for energy-using
products and battery-operated applications.
The device offers an adjustable power limit
PLIMIT) function. The PLIMIT circuit sets a
limit on the output peak-to-peak voltage. This is
done by limiting the duty cycle to a fixed
maximum value. This limit functions as a virtual
voltage rail, and is lower than the supply
connected to PVCC.
The MP7758 is available in a TSSOP-28 EP
package.

FEATURES
 5V to 18V Operation from a Single Supply
 ±5A Peak Current Output
 Output Power:
o 9.5W/Channel at 12V, 8Ω Load, 10%
THD
o 15W/Channel at 16V, 8Ω Load, 10%
THD
 90% Efficiency with 8Ω Load, 10% THD,
1kHz, 12V Supply Voltage
 240mΩ Power MOSFETs
 Start-Up/Shutdown Pop Elimination
 Short-Circuit Protection Circuits
 Inductorless Topology
 Advanced EMI Performance
 All Switches Current Limited
 Internal Under-Voltage Protection (UVP)
 Internal Thermal Protection
 Adjustable Power Limit
 Automatic Shutdown with Zero Input Signal
Detection
 Fault Output Flag
 Available in a TSSOP-28 EP Package

APPLICATIONS
 Wireless/Portable Speakers
 TVs
 DVD Receivers
 Active Speakers




Similar Part No. - MP7758GF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7751 MPS-MP7751 Datasheet
903Kb / 19P
26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
MP7751GF MPS-MP7751GF Datasheet
903Kb / 19P
26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
MP7751GF MPS-MP7751GF Datasheet
243Kb / 7P
2X20W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
MP7752 MPS-MP7752 Datasheet
867Kb / 20P
18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
MP7752GF MPS-MP7752GF Datasheet
867Kb / 20P
18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
More results


Similar Description - MP7758GF

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
15W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623 Datasheet
877Kb / 28P
15W Stereo Class-D Audio Power Amplifier
APA6003 ANPEC-APA6003 Datasheet
351Kb / 22P
15W Stereo Class D Audio Power Amplifier
logo
Monolithic Power System...
MP7752 MPS-MP7752 Datasheet
867Kb / 20P
18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2619 ANPEC-APA2619 Datasheet
423Kb / 23P
15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623_17 Datasheet
884Kb / 29P
15W Stereo Class-D Audio Power Amplifier
logo
Princeton Technology Co...
PT2831 PTC-PT2831 Datasheet
222Kb / 5P
15W x 2, Class-D Audio Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com