Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7758GF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7758GF
Description  18V, 2 x 15W Stereo BTL, Fixed-Frequency,Inductorless Class-D Audio Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7758GF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7758GF Datasheet HTML 1Page - Monolithic Power Systems MP7758GF Datasheet HTML 2Page - Monolithic Power Systems MP7758GF Datasheet HTML 3Page - Monolithic Power Systems MP7758GF Datasheet HTML 4Page - Monolithic Power Systems MP7758GF Datasheet HTML 5Page - Monolithic Power Systems MP7758GF Datasheet HTML 6Page - Monolithic Power Systems MP7758GF Datasheet HTML 7Page - Monolithic Power Systems MP7758GF Datasheet HTML 8Page - Monolithic Power Systems MP7758GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MP7758
– 18V, 2x15W, STEREO BTL, INDUCTORLESS CLASS-D AUDIO AMPLIFIER
MP7758 Rev. 1.0
www.MonolithicPower.com
3
12/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MP7758GF
TSSOP-28 EP
See Below
2a
* For Tape & Reel, add suffix
–Z (e.g. MP7758GF–Z).
TOP MARKING
MPS: MPS prefix
YY: Year code
WW: Week code
MP7758: Part number
LLLLLLLLL: Lot number
PACKAGE REFERENCE
TOP VIEW
PVCC1
EN
/FAULT
IN1B
IN1A
GAIN1
GAIN0
CAP_D
IN2B
IN2A
AGND
VDR
INABSENCE
PLIMIT
AVCC
Exposed Pad
On Bottom
PVCC1
BST1A
SW1A
PGND1
SW1B
BST1B
BST2B
SW2B
PGND2
SW2A
BST2A
PVCC2
PVCC2
TSSOP-28 EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com