Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7758GF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP7758GF
Description  18V, 2 x 15W Stereo BTL, Fixed-Frequency,Inductorless Class-D Audio Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7758GF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP7758GF Datasheet HTML 1Page - Monolithic Power Systems MP7758GF Datasheet HTML 2Page - Monolithic Power Systems MP7758GF Datasheet HTML 3Page - Monolithic Power Systems MP7758GF Datasheet HTML 4Page - Monolithic Power Systems MP7758GF Datasheet HTML 5Page - Monolithic Power Systems MP7758GF Datasheet HTML 6Page - Monolithic Power Systems MP7758GF Datasheet HTML 7Page - Monolithic Power Systems MP7758GF Datasheet HTML 8Page - Monolithic Power Systems MP7758GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MP7758
– 18V, 2x15W, STEREO BTL, INDUCTORLESS CLASS-D AUDIO AMPLIFIER
MP7758 Rev. 1.0
www.MonolithicPower.com
4
12/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
EN
Enable input. Drive the EN pin high to turn the four amplifiers on (1A, 1B, 2A, and 2B);
drive EN low to turn them off.
2
/FAULT
Fault output. A low output at the /FAULT pin indicates that the IC has detected an
over-temperature or over-current condition. This output is open drain.
3
IN1A
Positive audio input for channel 1. Biased at 2.5V.
4
IN1B
Negative audio input for channel 1. Biased at 2.5V.
5
GAIN0
Gain selection bit.
6
GAIN1
Gain selection bit.
7
AVCC
Internal analog reference. This pin has a 5.5V output. Connect a bypass capacitor
from AVCC to AGND.
8
AGND
Analog ground.
9
VDR
Gate drive supply bypass. VDR powers the internal circuitry and the internal MOSFET
gate driver
. Bypass VDR to AGND with a 0.1μF to 10μF capacitor.
10
PLIMIT
Power limiting and anti-clipping feature control. Connect a resistor divider from
AVCC to GND to set the power limit. Connect a resistor divider directly to AVCC for no
power limit.
11
IN2B
Negative audio input for channel 2. Biased at 2.5V.
12
IN2A
Positive audio input for channel 2. Biased at 2.5V.
13
INABSENCE Open-drain output used to report the input signal absence.
14
CAP_D
Delay time control for input signal absence report function. The holding time can
be adjusted with an external capacitor. Connect this pin to AGND to disable automatic
shutdown if an input signal cannot be detected.
15, 16
PVCC2
Power supply input for channel 2.
Bypass PVCC2 to PGND2 with a 1μF X7R
capacitor (in addition to the main bulk capacitor), placed close to the PVCC2 and
PGND2 pins.
17
BST2A
High-side MOSFET bootstrap input for amplifier 2A. A capacitor connected from
BST2A to SW2A supplies the gate drive current to the internal high-side MOSFET.
18
SW2A
Switched power output for amplifier 2A (the positive output of channel 2).
19
PGND2
Power ground for amplifier 2A and 2B.
20
SW2B
Switched power output for amplifier 2B (the negative output of channel 2).
21
BST2B
High-side MOSFET bootstrap input for amplifier 2B. A capacitor from BST2B to
SW2B supplies the gate drive current to the internal high-side MOSFET.
22
BST1B
High-side MOSFET bootstrap input for amplifier 1B. A capacitor from BST1B to
SW1B supplies the gate drive current to the internal high-side MOSFET.
23
SW1B
Switched power output for amplifier 1B (the negative output of channel 1).
24
PGND1
Power ground for amplifier 1A and 1B.
25
SW1A
Switched power output for amplifier 1A (the positive output of channel 1).
26
BST1A
High-side MOSFET bootstrap input for amplifier 1A. Connect a capacitor from
BST1A to SW1A to supply the gate drive current to the internal high-side MOSFET.
27, 28
PVCC1
Power supply input for channel 1.
Bypass PVCC1 to PGND1 with a 1μF X7R
capacitor (in addition to the main bulk capacitor), placed close to the PVCC1 and
PGND1 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com