Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7758GF Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP7758GF
Description  18V, 2 x 15W Stereo BTL, Fixed-Frequency,Inductorless Class-D Audio Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7758GF Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP7758GF Datasheet HTML 9Page - Monolithic Power Systems MP7758GF Datasheet HTML 10Page - Monolithic Power Systems MP7758GF Datasheet HTML 11Page - Monolithic Power Systems MP7758GF Datasheet HTML 12Page - Monolithic Power Systems MP7758GF Datasheet HTML 13Page - Monolithic Power Systems MP7758GF Datasheet HTML 14Page - Monolithic Power Systems MP7758GF Datasheet HTML 15Page - Monolithic Power Systems MP7758GF Datasheet HTML 16Page - Monolithic Power Systems MP7758GF Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MP7758
– 18V, 2x15W, STEREO BTL, INDUCTORLESS CLASS-D AUDIO AMPLIFIER
MP7758 Rev. 1.0
www.MonolithicPower.com
13
12/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
R3
R3
R2
R2
C
C
R1
R1
Gain = (R1/RI) x (R3/R2)
Internal
Triangular
Generator
Comparator
Comparator
FDA
FDA
Power
Limiter
Level
Detector
Audio Input L +
RI
CIN
Audio Input L -
RI
CIN
SW1A
BST1A
SW1B
BST1B
VDD
VDD
Gate
Drive
Gate
Drive
Speaker L
FB
OUT1A
OUT1B
FB
/FAULT
OCP
OTP
UVP
Shutdown
EN
GAIN0
Gain
Selection
GAIN1
NonInput
Power Limit
Reference
PLIMT
Delay Time
CAP_D
Figure 1: Functional Block Diagram (One Channel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com