Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD5V0V1BA Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD5V0V1BA Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD5V0V1BA
Download  PESD5V0V1BA Download
File Size   259.93 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Very low capacitance bidirectional ESD protection diode

PESD5V0V1BA Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD5V0V1BA Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD5V0V1BA
Download  PESD5V0V1BA Click to download

File Size   259.93 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Very low capacitance bidirectional ESD protection diode

PESD5V0V1BA Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD5V0V1BA Product details

1. General description
Very low capacitance bidirectional ElectroStatic Discharge (ESD) protection diode in a very small
SOD323 (SC-76) Surface-Mounted Device (SMD) plastic package designed to protect one signal
line from the damage caused by ESD and other transients.
2. Features and benefits
• Bidirectional ESD protection of one line
• Very low diode capacitance: Cd = 11 pF
• Max. peak pulse power: PPPM = 45 W
• Low clamping voltage: VCL = 12.5 V
• Ultra low leakage current: IRM < 1 nA
• ESD protection up to 30 kV
• IEC 61000-4-2; level 4 (ESD)
• IEC 61000-4-5 (surge); IPPM = 4.8 A
3. Applications
• Computers and peripherals
• Audio and video equipment
• Cellular handsets and accessories
• SIM card protection
• Communication systems
• Portable electronics
• 10/100 Mbit/s Ethernet




Similar Part No. - PESD5V0V1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0V1BA NXP-PESD5V0V1BA Datasheet
127Kb / 13P
Very low capacitance bidirectional ESD protection diodes
Rev. 01-28 July 2009
logo
Nexperia B.V. All right...
PESD5V0V1BA NEXPERIA-PESD5V0V1BA Datasheet
406Kb / 15P
Very low capacitance bidirectional ESD protection diodes
Rev. 2 - 9 November 2012
logo
Guangdong Youtai Semico...
PESD5V0V1BA UMW-PESD5V0V1BA Datasheet
417Kb / 4P
Microprocessor based equipment
PESD5V0V1BA UMW-PESD5V0V1BA Datasheet
614Kb / 5P
Bidirectional ESD protection of one line
logo
Nexperia B.V. All right...
PESD5V0V1BA-Q NEXPERIA-PESD5V0V1BA-Q Datasheet
262Kb / 12P
Very low capacitance bidirectional ESD protection diode
10 May 2022
More results


Similar Description - PESD5V0V1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0V1BLD NXP-PESD5V0V1BLD Datasheet
173Kb / 14P
Very low capacitance bidirectional ESD protection diode
Rev. 1-7 December 2010
PESD5V0V1BDSF PHILIPS-PESD5V0V1BDSF_15 Datasheet
339Kb / 12P
Very low capacitance bidirectional ESD protection diode
Rev. 1-17 April 2012
PESD12VV1BL PHILIPS-PESD12VV1BL_15 Datasheet
586Kb / 12P
Very low capacitance bidirectional ESD protection diode
Rev. 2-18 March 2013
PESD5V0V1BLD PHILIPS-PESD5V0V1BLD_15 Datasheet
173Kb / 14P
Very low capacitance bidirectional ESD protection diode
Rev. 1-7 December 2010
logo
Nexperia B.V. All right...
PESD5V0V1BL-Q NEXPERIA-PESD5V0V1BL-Q Datasheet
252Kb / 12P
Very low capacitance bidirectional ESD protection diode
30 September 2022
PESD5V0V1BLD-Q NEXPERIA-PESD5V0V1BLD-Q Datasheet
263Kb / 12P
Very low capacitance bidirectional ESD protection diode
31 May 2022
PESD5V0V1BLS NEXPERIA-PESD5V0V1BLS Datasheet
228Kb / 11P
Very low capacitance bidirectional ESD protection diode
3 February 2021
PESD5V0V1BL NEXPERIA-PESD5V0V1BL Datasheet
239Kb / 12P
Very low capacitance bidirectional ESD protection diode
5 July 2018
PESD4V0X1BESF NEXPERIA-PESD4V0X1BESF Datasheet
206Kb / 10P
Very low capacitance bidirectional ESD protection diode
2 March 2021
PESD5V0V1BLD NEXPERIA-PESD5V0V1BLD Datasheet
260Kb / 12P
Very low capacitance bidirectional ESD protection diode
1 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com