Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL711FW Datasheet (PDF) - List of Unclassifed Manufacturers

GL711FW Datasheet PDF - List of Unclassifed Manufacturers
Part # GL711FW
Download  GL711FW Download
File Size   452.22 Kbytes
Page   17 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description ATA/ATAPI to 1394 Native Bridge Two in One Solution

GL711FW Datasheet (PDF)

Go To PDF Page Download Datasheet
GL711FW Datasheet PDF - List of Unclassifed Manufacturers

Part # GL711FW
Download  GL711FW Click to download

File Size   452.22 Kbytes
Page   17 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description ATA/ATAPI to 1394 Native Bridge Two in One Solution

GL711FW Datasheet (HTML) - List of Unclassifed Manufacturers


GL711FW Product details

[Genesys-Logic]

Overview
The GL711FW is a high-performance 1394 to ATA/ATAPI native bridge with an embedded SBP-2 target solution. It supports a solution for link/transaction layer controller conforming to the IEEE Std 1394 (IEEE 1394-1995 and IEEE 1394.a) up to 400Mbps transfer rate. Through the SBP-2 port driver, supported by Microsoft Windows 2000 and Windows 98 SE, Windows ME, SCSI class drivers can use SBP-2 to communicate with IEEE 1394 device using the SCSI command set.

Features
● Data transfer rates of S100, S200 and S400
● Fully interoperable with implementation of IEEE-1394(1995) and IEEE 1394.a-2000 compliant
● Standard PHY/link Interface
● Firmware support for SBP-2 target agent
● Fully ATA/ATAPI-6 compliant.
● Supports IDE PIO modes and DMA modes and Ultra DMA modes up to UDMA100.
● Embedded RAM, ROM and micro-processor.
● External Flash ROM interface for easy updating firmware code.
● Automatic SBP-2 protocol management by an internal hardware engine to improve performance and firmware efficiency
● Auto acknowledge-code response for all packets that targeted to Management/Command ORB agent SBP-2 protocol engine:
   - Automatic Management ORB fetch
   - Linked Command ORB fetch
   - Auto address increment DMA for both direct and indirect addressing
● Automatic Page Table fetching
● Dedicated asynchronous data transfer
● Automatic packing/de-packing for asynchronous transmit/receive data of DMA
● Automatic single-retry protocol and split transaction control.
● 2 sets of 4-quadlet registers for Asynchronous Receive/Transmit packet header
● 2 sets of 8-quadlet registers for general Asynchronous Receive/Transmit packet data block payload
● 5 sets of 8/8/2/2/2-quadlet registers for Receive packet data block payload dedicated for SBP-2 requirement (MORB,
● CORB, PTE, MOP and COP)
● 4K bytes of FIFO for bi-directional transmit/receive data




Similar Part No. - GL711FW

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL710 SHARP-GL710 Datasheet
36Kb / 2P
Infrared Emitting Diode
logo
Hynix Semiconductor
GL7101 HYNIX-GL7101 Datasheet
89Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
More results


Similar Description - GL711FW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
USB 2.0 to ATA / ATAPI Bridge Controller
OXFW911 ETC-OXFW911 Datasheet
141Kb / 32P
IEEE1394 to ATA/ATAPI Native Bridge
OXFW900-TQ-A ETC-OXFW900-TQ-A Datasheet
187Kb / 30P
IEEE1394 to ATA/ATAPI Native Bridge
GL811E ETC-GL811E Datasheet
1Mb / 35P
USB 2.0 to ATA / ATAPI Bridge Controller
GL700FW ETC1-GL700FW Datasheet
292Kb / 23P
ATA/ATAPI TO 1394 NATIVE BRIDGE
logo
Texas Instruments
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
USB 2.0 to ATA / ATAPI Bridge Controller
logo
List of Unclassifed Man...
AU6390 ETC2-AU6390 Datasheet
435Kb / 19P
USB2.0 to ATA/ATAPI Bridge Controller
AU6391 ETC2-AU6391 Datasheet
673Kb / 22P
USB2.0 to ATA/ATAPI Bridge Controller
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
USB 2.0 To ATA/ATAPI Bridge Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com