Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL711FW Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GL711FW
Description  ATA/ATAPI to 1394 Native Bridge Two in One Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GL711FW Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GL711FW Datasheet HTML 1Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 2Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 3Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 4Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 5Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 6Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 7Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 8Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
GL711FW
-3-
Revision: 1.3
09/12/2001
2. Features
Data transfer rates of S100, S200 and S400
Fully interoperable with implementation of IEEE-1394(1995) and IEEE
1394.a-2000 compliant
Standard PHY/link Interface
Firmware support for SBP-2 target agent
Fully ATA/ATAPI-6 compliant.
Supports IDE PIO modes and DMA modes and Ultra DMA modes up to
UDMA100.
Embedded RAM, ROM and micro-processor.
External Flash ROM interface for easy updating firmware code.
Automatic SBP-2 protocol management by an internal hardware engine to improve
performance and firmware efficiency
Auto acknowledge-code response for all packets that targeted to
Management/Command ORB agent SBP-2 protocol engine:
- Automatic Management ORB fetch
- Linked Command ORB fetch
- Auto address increment DMA for both direct and indirect addressing
Automatic Page Table fetching
Dedicated asynchronous data transfer
Automatic packing/de-packing for asynchronous transmit/receive data of DMA
Automatic single-retry protocol and split transaction control.
2 sets of 4-quadlet registers for Asynchronous Receive/Transmit packet header
2 sets of 8-quadlet registers for general Asynchronous Receive/Transmit packet
data block payload
5 sets of 8/8/2/2/2-quadlet registers for Receive packet data block payload
dedicated for SBP-2 requirement (MORB,
CORB, PTE, MOP and COP)
4K bytes of FIFO for bi-directional transmit/receive data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com