Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL711FW Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # GL711FW
Description  ATA/ATAPI to 1394 Native Bridge Two in One Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GL711FW Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button GL711FW Datasheet HTML 9Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 10Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 11Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 12Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 13Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 14Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 15Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 16Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
GL711FW
-12-
Revision: 1.3
09/12/2001
Pin Description
PIN
SYMBOL
I/O
DESCRIPTION
Power
31
RESET#
I
Master reset signal, low active
2,10,29,
41,54,62,
76,86
VCC
-
3.3V power supply
5,21,35,
50,57,71,
84,90
GND
-
Ground
Signals for Micro-Processor
92
OE#/RD#
I/O
When ENUP# = ‘1’: this active low signal enables the reading of
internal register.
When ENUP# = ‘0’: this bit is used for output enable flash memory
output
25
WR#
I
UP:
this active low signal enables the writing of internal register.
1,3,4,
96-100
AD0-AD7
I/O
When ENUP# = ‘1’: address & data bus bit 0 to bit 7 of external
µP.
When ENUP# = ‘0’: data in-out of flash memory.
26
ALE
I
ALE is used to enable the address latch that separates the
address from the data
95
CS#
I/O
When ENUP# = ‘1’: This active low signal acts as the chip select
during register access cycle.
When ENUP# = ‘0’: This bit is an active low to select flash memory.
27
INT#
O
This is an output pin to drive the active low interrupt signal to external
controller.
Signals for IDE interface
38-40
HDA0-2
O
IDE device address. The 3-bit binary coded address asserted by the
ATA host to access a register or data port in the device.
37
HDCS0#
O
IDE chip select 0. The chip select signal from the ATA host used to
select the Command Block registers.
36
HDCS1#
O
IDE chip select 0. The chip select signal from the ATA host used to
select the Control Block registers.
46
HDIOW#(ST
OP)
O
Device I/O write (for PIO and Multi-word DMA mode)
Stop Ultra DMA burst (for UDMA mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com