Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL711FW Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # GL711FW
Description  ATA/ATAPI to 1394 Native Bridge Two in One Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GL711FW Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button GL711FW Datasheet HTML 9Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 10Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 11Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 12Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 13Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 14Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 15Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 16Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
GL711FW
-13-
Revision: 1.3
09/12/2001
45
HDIOR#(HD
MARDY#/,
HDSTROBE)
O
Device I/O read (for PIO and Multi-word DMA mode)
Ultra DMA host ready (for UDMA read)
Ultra DMA host data strobe (for UDMA write)
48,51,53,
56,59,61,
64,66,67,
65,63,60,
58,55,52,
49
HDD15-0
I/O
IDE device data. The 8- or 16-bit data bus to/from the ATA device.
Only the lower 8 bits are used for 8-bit register transfers.
44
HDIORDY(D
DMARDY#/,
DSTROBE)
I
I/O channel ready (for PIO and Multi-word DMA mode)
Ultra DMA device ready (for UDMA write)
Ultra DMA device data strobe (for UDMA read)
42
HDINT
I
IDE device interrupt: This input signal is used to interrupt the host
system when interrupt pending is set.
43
HDDACK#
O
IDE DMA acknowledge: This signal is used by the ATA host to
response DMARQ for DMA transfers.
47
HDDRQ
I
IDE DMA request: This signal is asserted by the ATA device when it
is ready to perform a DMA data transfer to or from the ATA host
when a DMA operation has been enabled.
Signals for PHY-interface
15,16
PHY_CTL1
PHY_CTL0
I/O
Control 1 and Control 0 of the phy-link control bus. CTL1 and CTL0
indicate the four operations that can occur in this interface.
18
LREQ
O
Link request. LREQ is a output that makes bus requests and accesses
the phy layer.
6-9,11-14 PHY_D7-0
I/O
Phy data7 through data0 of the phy-link data bus. Data is expected on
D0-D1 for 100Mb/s packets, D0-D3 for 200Mb/s, and D0-D7 for
400Mb/s.
17
PHY_SCLK
I
System clock. PHY_SCLK is a 49.152-MHz clock from the phy.
Signals for flash memory
81,33,87,
83,91,93,
89,88,82,
79,78,77,
75,74,73,
72
ADDR[15:0] O
Flash PROM/EPROM address bus.
ADDR15 is the most significant bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com