Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL711FW Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # GL711FW
Description  ATA/ATAPI to 1394 Native Bridge Two in One Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GL711FW Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button GL711FW Datasheet HTML 9Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 10Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 11Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 12Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 13Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 14Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 15Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 16Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
GL711FW
-15-
Revision: 1.3
09/12/2001
6. Electrical Characteristics
Absolute Maximum Ratings
Supply Voltage Range, (VCC)
-0.3V to 3.6V
Input Voltage Range
-0.3V to (VCC+0.3V)
Output Voltage Range
-0.3V to (VCC+0.3V)
Operating temperature
0
°C to 70°C
ESD Human Body Model
7 kV
Recommended Operation Conditions
NOM.
MIN.
MAX.
UIITS
Supply voltage
3.3
3.0
3.6
V
Input voltage
0
VCC
V
Output voltage
VCC
V
High-level input voltage, VIH
0.7VCC
VCC
V
Low-level input voltage, VIL
0
0.3VCC
V
Operating Temperature
25
0
70
0
°C
Electrical Characteristics
PARAMETER
TEST CONDITIONS
MIN.
MAX.
UIITS
High-level output
voltage, Voh
Ioh = -12mA
Ioh= -8mA
0.8VCC
V
Low-level output
voltage, Vol
Iol = 12mA
Iol= 8mA
0.2VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com